Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 28Page - STMicroelectronics TDA7402 Datasheet HTML 29Page - STMicroelectronics TDA7402 Datasheet HTML 30Page - STMicroelectronics TDA7402 Datasheet HTML 31Page - STMicroelectronics TDA7402 Datasheet HTML 32Page - STMicroelectronics TDA7402 Datasheet HTML 33Page - STMicroelectronics TDA7402 Datasheet HTML 34Page - STMicroelectronics TDA7402 Datasheet HTML 35Page - STMicroelectronics TDA7402 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
Stereo decoder part
TDA7402
32/71
5
Stereo decoder part
5.1
Features:
No external components necessary
PLL with adjustment free, fully integrated VCO
Automatic pilot dependent MONO/STEREO switching
Very high suppression of intermodulation and interference
Programmable roll off compensation
Dedicated RDS-softmute
Highcut and stereo blend-characterisctics programmable in a wide range
FM/AM noiseblanker with several threshold controls
Multipath-detector with programmable internal/external influence
I2C-bus control of all necessary functions
5.2
Electrical characteristics
VS = 9V, de-emphasis time constant = 50µs, MPX input voltage VMPX = 500mV (75kHz
deviation), modulation frequency = 1kHz, input gain = 6dB, Tamb = 27°C, unless otherwise
specified.
Table 7.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vin
MPX input level
Input gain = 3.5dB
0.5
1.25
Vrms
Rin
Input resistance
70
100
130
k
Ω
Gmin
Min. input gain
1.5
3.5
4.5
dB
Gmax
Max. input gain
8.5
11
12.5
dB
Gstep
Step resolution
1.75
2.5
3.25
dB
SVRR
Supply voltage ripple rejection
Vripple = 100mV, f = 1kHz
55
dB
a
Max. channel separation
30
50
dB
THD
Total harmonic distortion
fin=1kHz, mono
0.02
0.3
%
Signal plus noise to noise ratio
A-weighted, S = 2Vrms
80
91
dB
Mono/Stereo-switch
VPTHST1
Pilot threshold voltage
for stereo, PTH = 1
10
15
25
mV
VPTHST0
Pilot threshold voltage
for stereo, PTH = 0
15
25
35
mV
VPTHMO1 Pilot threshold voltage
for mono, PTH = 1
7
12
17
mV
VPTHMO0 Pilot threshold voltage
for mono, PTH = 0
10
19
25
mV
PLL
Δf/f
Capture range
0.5
%
N
S+ N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com