Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 68 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 63Page - STMicroelectronics TDA7402 Datasheet HTML 64Page - STMicroelectronics TDA7402 Datasheet HTML 65Page - STMicroelectronics TDA7402 Datasheet HTML 66Page - STMicroelectronics TDA7402 Datasheet HTML 67Page - STMicroelectronics TDA7402 Datasheet HTML 68Page - STMicroelectronics TDA7402 Datasheet HTML 69Page - STMicroelectronics TDA7402 Datasheet HTML 70Page - STMicroelectronics TDA7402 Datasheet HTML 71Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 71 page
background image
Application information
TDA7402
68/71
10
Application information
Figure 37.
Application diagram (standard configuration)
Figure 38.
Application diagram (Dual MPX mode)
220nF
1
2
3
4
5
6
7
8
9
10
11
SEL
SER
FD1L+
FD1L-
FD1R+
FD1R-
FD2L+
FD2L-
FD2R+
FD2R-
AM
SEL
SER
FD1L+
FD1L-
FD1R+
FD1R-
FD2L+
FD2L-
FD2R+
FD2R-
VDD
AM
220nF
220nF
220nF
220nF
220nF
220nF
220nF
470nF
470nF
220nF
220nF
220nF
220nF
220nF
13
MPX1
MPX
220nF
100nF
VB1
9
16
MPOUT
470nF
OUTSSR
OUTSSR
D00AU1161
22
12
23
AMIF
AMIF
220nF
14
LEVEL
LEVEL
15
MPIN
MPIN
QUAL
GND
QUAL
18
SM
SMUTE
20
SDA
SDA
21
SCL
SCL
17
=
+
-
OUTSSL
OUTSSL
24
OUTSWR
OUTSWR
25
OUTSWL
OUTSWL
26
OUTRR
OUTRR
27
OUTRF
OUTRF
28
OUTLR
OUTLR
29
OUTLF
ACINRR
ACINRF
ACINLR
ACINLF
SWINL
SWINR
OUTLF
30
ACOUTR
ACOUTR
37
36
35
10
μF
CREF
39
220nF
MD1
41
220nF
MD1G
MD1
MD1G
42
47nF
MUX
40
33
31
32
ACOUTL
MUX PAUSE
MD2
220nF
220nF
MD2G
MD2G
44
MD2
43
ACOUTL
38
19
34
100nF
1
2
3
4
5
6
7
8
9
10
11
SEL
SER
FD1L+
FD1L-
FD1R+
FD1R-
FD2L+
FD2L-
FD2R+
FD2R-
AM
SEL
SER
FD1L+
FD1L-
FD1R+
FD1R-
FD2L+
FD2L-
FD2R+
FD2R-
VDD
AM
100nF
220nF
220nF
220nF
220nF
220nF
220nF
470nF
470nF
220nF
220nF
220nF
220nF
100nF
13
MPX1
MPX
100nF
100nF
VB1
9
16
MPOUT
470nF
OUTSSR
OUTSSR
D00AU1158
22
12
23
AMIF
AMIF
14
LEVEL
LEVEL
15
MPIN
MPIN
QUAL
GND
QUAL
18
SM
SMUTE
20
SDA
SDA
21
SCL
SCL
17
=
+
-
OUTSSL
OUTSSL
24
OUTSWR
OUTSWR
25
OUTSWL
OUTSWL
26
OUTRR
OUTRR
27
OUTRF
OUTLR
28
OUTLR
OUTRF
29
OUTLF
ACINRR
ACINRF
ACINLR
ACINLF
SWINL
SWINR
OUTLF
30
ACOUTR
ACOUTR
37
36
35
10
μF
CREF
39
220nF
MD1
41
220nF
MD1G
MD1
MD1G
42
47nF
MUX
40
33
31
32
ACOUTL
MUX PAUSE
VPX CONTROL
100nF
MD2G
MPX2
44
MD2
43
ACOUTL
38
19
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com