Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 23Page - STMicroelectronics TDA7402 Datasheet HTML 24Page - STMicroelectronics TDA7402 Datasheet HTML 25Page - STMicroelectronics TDA7402 Datasheet HTML 26Page - STMicroelectronics TDA7402 Datasheet HTML 27Page - STMicroelectronics TDA7402 Datasheet HTML 28Page - STMicroelectronics TDA7402 Datasheet HTML 29Page - STMicroelectronics TDA7402 Datasheet HTML 30Page - STMicroelectronics TDA7402 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
TDA7402
Audioprocessor part
27/71
volume with the same value in order to get the desired output-level. In clipping situation the
open collector current generates a voltage drop at the rectifier input, which forces the
compander to decrease the gain until the clipping disappears.
It is even possible to run the compression mode and the anti-clipping mode in parallel. In
this case the maximum compander gain should be set to 29dB.
4.10.2
Characteristic
To achieve the desired compression characteristic like shown below the volume has to be
decreased by 4dB.
Figure 18.
Compander characteristic
4.10.3
I²C bus timing
While the compander is working, a volume word coming from this stage is added to the I2C
bus volume word, and the volume is changed with a soft slope between adjacent steps
(softstep stage). As mentioned in the description of this stage, it is not recommended to
change the volume during this slope. To avoid this while the compander is working and the
volume has to be changed, the compander hold-bit is implemented (Bit 7 in the subaddress
byte). The recommended timing for changing the volume during compander ON is the
following:
1.
Set the compander hold bit
2.
Wait the actual softstep time
3.
Change the volume
4.
Reset the compander hold bit
The softstep-times are in compander ON condition automatically adapted to the attack time
of the compander. In the following table the related SoftStep-times are shown:
dB
dB
-60
-50
-40
-30
-20
-10
0
0
-10
-20
-30
-40
-50
-60
Input Level
Output Level
-8dB
15dB
-38dB
2:1
Table 6.
Attack times vs soft-step times
Attack time
SoftStep time
6ms
0.16ms
12ms
0.32ms
24ms
0.64ms
48ms
1.28ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com