Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 10Page - STMicroelectronics TDA7402 Datasheet HTML 11Page - STMicroelectronics TDA7402 Datasheet HTML 12Page - STMicroelectronics TDA7402 Datasheet HTML 13Page - STMicroelectronics TDA7402 Datasheet HTML 14Page - STMicroelectronics TDA7402 Datasheet HTML 15Page - STMicroelectronics TDA7402 Datasheet HTML 16Page - STMicroelectronics TDA7402 Datasheet HTML 17Page - STMicroelectronics TDA7402 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
Electrical specifications
TDA7402
14/71
eNO
Output noise
BW = 20Hz - 20kHz
output muted
all gains = 0dB single ended
inputs
3
10
15
20
µV
µV
S/N
Signal to noise ratio
all gains = 0dB
flat; VO = 2VRMS
106
dB
bass, treble at +12dB;
a-weighted; VO = 2.6VRMS
100
dB
ddistortion
VIN = 1VRMS ; all stages 0dB
0.005
0.1
%
VOUT = 1VRMS ; bass & treble =
12dB
0.05
0.1
%
SC
Channel separation left/right
80
100
dB
ET
Total tracking error
AV = 0 to -20dB
-1
0
1
dB
AV = -20 to -60dB
-2
0
2
dB
1.
If configured as multiplexer-output
2.
The SM Pin is active low (mute = 0)
3.
If configured as pause-output
4.
If programmed as subwoofer diff. output
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
S
Operating supply voltage
10.5
V
Tamb
Operating temperature range
-40 to 85
°C
Tstg
Storage temperature range
-55 to +150
°C
VESD
ESD protection (human body mode)
±2000
V
VESD
ESD protection (machine mode)
±200
V
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-pins
Thermal resistance junction-pins max
65
°C/W
Table 5.
Supply
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage
7.5
9
10
V
IS
Supply current
VS = 9V
35
50
65
mA
SVRR
Ripple rejection @ 1kHz
Audioprocessor
(all Filters flat)
60
dB
Table 2.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com