Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 9Page - STMicroelectronics TDA7402 Datasheet HTML 10Page - STMicroelectronics TDA7402 Datasheet HTML 11Page - STMicroelectronics TDA7402 Datasheet HTML 12Page - STMicroelectronics TDA7402 Datasheet HTML 13Page - STMicroelectronics TDA7402 Datasheet HTML 14Page - STMicroelectronics TDA7402 Datasheet HTML 15Page - STMicroelectronics TDA7402 Datasheet HTML 16Page - STMicroelectronics TDA7402 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
TDA7402
Electrical specifications
13/71
Subwoofer lowpass
fLP
Lowpass corner frequency
fLP1
72
80
88
Hz
fLP2
108
120
132
Hz
fLP3
144
160
176
Hz
Differential outputs(4)
RL
load resistance at each output
1VRMS; AC coupled; THD=1%
1
k
Ω
2VRMS; AC coupled; THD=1%
2
k
Ω
RDL
load resistance differential
1VRMS; AC coupled; THD=1%
2
k
Ω
2VRMS; AC coupled; THD=1%
4
k
Ω
CLMAX
Capacitive load at each output
CLmax at each output to ground
10
nF
CDLMAX Capacitive load differential
CLmax between output terminals
5
nF
VOffset
DC offset at pins
Output muted
-10
10
mV
ROUT
Output impedance
30
100
W
VDC
DC voltage level
4.3
4.5
4.7
V
eNO
Output noise
Output muted
6
15
µV
Compander
GMAX
max. compander gain
Vi < -46dB
19
dB
Vi < -46dB, Anti-clip = on
29
dB
tAtt
Attack time
tAtt1
6ms
tAtt2
12
ms
tAtt3
24
ms
tAtt4
49
ms
tRel
Release time
tRel1
390
ms
tRel2
780
ms
tRel3
1.17
s
tRel4
1.56
s
VREF
Compander reference input-level
(equals 0dB)
VREF1
0.5
VRMS
VREF2
1.0
VRMS
VREF3
2.0
VRMS
CF
Compression factor
Output signal / input signal
0.5
General
Table 2.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com