Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 220Page - Renesas Technology Corp M32C/8B Datasheet HTML 221Page - Renesas Technology Corp M32C/8B Datasheet HTML 222Page - Renesas Technology Corp M32C/8B Datasheet HTML 223Page - Renesas Technology Corp M32C/8B Datasheet HTML 224Page - Renesas Technology Corp M32C/8B Datasheet HTML 225Page - Renesas Technology Corp M32C/8B Datasheet HTML 226Page - Renesas Technology Corp M32C/8B Datasheet HTML 227Page - Renesas Technology Corp M32C/8B Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 207 of 385
17.1.1
Clock Synchronous Mode
Full-duplex clock synchronous serial communications are allowed in this mode. CTS/RTS function can be used
for transmit and receive control.
Table 17.1 lists specifications of clock synchronous mode. Table 17.2 lists pin settings. Figure 17.11 shows
register settings. Figure 17.12 shows an example of a transmit and receive operation when an internal clock is
selected. Figure 17.13 shows an example of a receive operation when an external clock is selected.
Table 17.1
Clock Synchronous Mode Specifications
NOTES:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
2. If an external clock is selected, ensure that an “H” signal is applied to the CLKi pin when the CKPOL bit in the
UiC0 register is set to 0, and that an “L” signal is applied when the CKPOL bit is set to 1.
3. If an overrun error occurs, a read from the UiRB register returns undefined values. The IR bit in the SiRIC
register remains unchanged as 0 (interrupt not requested).
Item
Specification
Data format
Data length: 8 bits long
Serial clock
Internal clock or external clock can be selected by the CKDIR bit in the UiMR register
(i = 0 to 4)
Baud rate
• When the CKDIR bit is set to 0 (internal clock):
fj / (2 (m + 1)
fj = f1, f8, f2n(1) m: setting value of the UiBRG register (00h to FFh)
• When the CKDIR bit is set to 1 (external clock): clock input to the CLKi pin
Transmit/receive control
Selectable among the CTS function, RTS function, or CTS/RTS function disabled
Transmit and receive
start condition
Internal clock is selected:
• Set the TE bit in the UiC1 register to 1 (transmit operation enabled)
• The TI bit in the UiC1 register is 0 (data in the UiTB register)
• Set the RE bit in the UiC1 register to 1 (receive operation enabled)
• “L” signal is applied to the CTSi pin when the CTS function is used
External clock is selected(2):
• Set the TE bit to 1
• The TI bit is 0
• Set the RE bit to 1
• The RI bit in the UiC1 register is 0 when the RTS function is used
When above 4 conditions are met, RTSi pin outputs “L”
If transmit-only operation is performed, the RE bit setting is not required in both cases.
Interrupt request
generation timing
Transmit interrupt (The UiIRS bit in the UiC1 register selects one of the following):
• The UiIRS bit is set to 0 (no data in the UiTB register):
when data is transferred from the UiTB register to the UARTi transmit shift register
(transmit operation started)
• The UiIRS bit is set to 1 (transmit operation completed):
when data transmit operation from the UARTi transmit shift register is completed
Receive interrupt:
• When data is transferred from the UARTi receive shift register to the UiRB register
(receive operation completed)
Error detection
• Overrun error(3)
Overrun error occurs when the 7th bit of the next data is received before reading the
UiRB register
Selectable function
• CLK polarity
Transmit data output timing and receive data input timing can be selected
• LSB first or MSB first
Data is transmitted and received from either bit 0 or bit 7
• Serial data logic inverse
Transmit and receive data are logically inverted
• Continuous receive mode
The TI bit becomes 0 by reading the UiRB register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com