| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 225 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 225 Page - Renesas Technology Corp |
|
225 / 406 page ![]() Under development M32C/8B Group 17. Serial Interfaces Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 208 of 385 Table 17.2 Pin Settings in Clock Synchronous Mode NOTES: 1. Set registers PS0, PS1, and PS3 after setting the other registers. 2. Set the PD9 or PS3 register immediately after the PRC2 bit in the PRCR register is set to 1 (write enable). Do not generate an interrupt or a DMA or DMACII transfer between these two instructions. 3. P7_0 is an N-channel open drain output port. 4. After UARTi (i = 0 to 4) operating mode is selected in the UiMR register and the pin function is set in the Function Select Registers, the TXDi pin outputs an “H” signal until a transmit operation starts (the TXDi pin is in a high-impedance state when N-channel open drain output is selected). Port Function Bit Setting PD6, PD7, PD9 Registers(2) PSC Register PSL0, PSL1, PSL3 Registers PS0, PS1, PS3 Registers(1)(2) P6_0 CTS0 input PD6_0 = 0 −− PS0_0 = 0 RTS0 output −− PSL0_0 = 0 PS0_0 = 1 P6_1 CLK0 input PD6_1 = 0 −− PS0_1 = 0 CLK0 output −− PSL0_1 = 0 PS0_1 = 1 P6_2 RXD0 input PD6_2 = 0 −− PS0_2 = 0 P6_3 TXD0 output(4) −− PSL0_3 = 0 PS0_3 = 1 P6_4 CTS1 input PD6_4 = 0 −− PS0_4 = 0 RTS1 output −− PSL0_4 = 0 PS0_4 = 1 P6_5 CLK1 input PD6_5 = 0 −− PS0_5 = 0 CLK1 output −− PSL0_5 = 0 PS0_5 = 1 P6_6 RXD1 input PD6_6 = 0 −− PS0_6 = 0 P6_7 TXD1 output(4) −− PSL0_7 = 0 PS0_7 = 1 P7_0(3) TXD2 output(4) − PSC_0 = 0 PSL1_0 = 0 PS1_0 = 1 P7_1 RXD2 input PD7_1 = 0 −− PS1_1 = 0 P7_2 CLK2 input PD7_2 = 0 −− PS1_2 = 0 CLK2 output − PSC_2 = 0 PSL1_2 = 0 PS1_2 = 1 P7_3 CTS2 input PD7_3 = 0 −− PS1_3 = 0 RTS2 output − PSC_3 = 0 PSL1_3 = 0 PS1_3 = 1 P9_0 CLK3 input PD9_0 = 0 −− PS3_0 = 0 CLK3 output −− PSL3_0 = 0 PS3_0 = 1 P9_1 RXD3 input PD9_1 = 0 −− PS3_1 = 0 P9_2 TXD3 output(4) −− PSL3_2 = 0 PS3_2 = 1 P9_3 CTS3 input PD9_3 = 0 − PSL3_3 = 0 PS3_3 = 0 RTS3 output −− − PS3_3 = 1 P9_4 CTS4 input PD9_4 = 0 − PSL3_4 = 0 PS3_4 = 0 RTS4 output −− − PS3_4 = 1 P9_5 CLK4 input PD9_5 = 0 − PSL3_5 = 0 PS3_5 = 0 CLK4 output −− − PS3_5 = 1 P9_6 TXD4 output(4) −− − PS3_6 = 1 P9_7 RXD4 input PD9_7 = 0 −− PS3_7 = 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |