Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 223Page - Renesas Technology Corp M32C/8B Datasheet HTML 224Page - Renesas Technology Corp M32C/8B Datasheet HTML 225Page - Renesas Technology Corp M32C/8B Datasheet HTML 226Page - Renesas Technology Corp M32C/8B Datasheet HTML 227Page - Renesas Technology Corp M32C/8B Datasheet HTML 228Page - Renesas Technology Corp M32C/8B Datasheet HTML 229Page - Renesas Technology Corp M32C/8B Datasheet HTML 230Page - Renesas Technology Corp M32C/8B Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 210 of 385
Figure 17.12
Transmit and Receive Operations when Internal Clock is Selected
Transfer data from UARTi
receive shift register to UiRB
register
Communication stops because
TE bit = 0
Communication stops
because CTSi = “H”
D7
TE bit in the
UiC1 register
i = 0 to 4
The above applies under the following conditions:
- UiMR register: CKDIR bit = 0 (internal clock)
- UiC0 register: CRD bit in the = 0 and CRS bit = 0 (CTS function used)
CKPOL bit = 0 (transmit data output at the falling edge of the serial clock)
- UiC1 register: UiIRS bit = 0 (Transmit interrupt request is generated when no data in the UiTB register)
NOTE:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
TC
1
0
Internal clock
TI bit in the UiC1
register
Write data to the UiTB register
CTSi Input
CLKi output
TCLK
TXDi output
D0
TXEP bit in the
UiC0 register
IR bit in the
SiTIC register
2(m + 1)
fj
TC = TCLK =
fj = f1, f8, f2n(1)
m = Setting value of the UiBRG register
(00h to FFh)
D1 D2 D3 D4 D5 D6
D7
D0 D1 D2 D3 D4 D5 D6
D0 D1 D2 D3 D4 D5
Transfer data from UiTB register
to UARTi transmit shift register
D7
RXDi input
D0 D1 D2 D3 D4 D5 D6
D7
D0 D1 D2 D3 D4 D5 D6
D0 D1 D2 D3 D4 D5
Set to 0 by an interrupt request acknowledgement or by a program
RI bit in the
UiC1 register
IR bit in the SiRIC
register
A read from the UiRB register
Set to 0 by an interrupt request acknowlegement or by a program
1
0
1
0
1
0
1
0
1
0
“L”
“H”
“L”
“H”
“L”
“H”
“L”
“H”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com