Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 226Page - Renesas Technology Corp M32C/8B Datasheet HTML 227Page - Renesas Technology Corp M32C/8B Datasheet HTML 228Page - Renesas Technology Corp M32C/8B Datasheet HTML 229Page - Renesas Technology Corp M32C/8B Datasheet HTML 230Page - Renesas Technology Corp M32C/8B Datasheet HTML 231Page - Renesas Technology Corp M32C/8B Datasheet HTML 232Page - Renesas Technology Corp M32C/8B Datasheet HTML 233Page - Renesas Technology Corp M32C/8B Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 213 of 385
17.1.1.2 LSB First or MSB First
As shown in figure 17.15, the UFORM bit in the UiC0 register (i = 0 to 4) determines a bit order.
Figure 17.15
Bit Order (8-Bit Data Length)
(1) When the UFORM bit in the UiC0 register (i = 0 to 4) is set to 0 (LSB first)
The above applies under the following conditions:
- CKPOL bit in the UiC0 register is set to 0 (transmit data is output at the falling edge and received data is input at the rising edge)
- UiLCH bit in the UiC1 register is set to 0 (not inverted).
D0
D1
D3
D4
D5
D6
D7
D2
D0
D1
D3
D4
D5
D6
D7
D2
D0
D1
D3
D4
D5
D6
D7
D2
(2) When the UFORM bit is set to 1 (MSB first)
D0
D1
D3
D4
D5
D6
D7
D2
CLKi
TXDi
RXDi
"H"
"L"
"H"
"L"
"H"
"L"
CLKi
TXDi
RXDi
"H"
"L"
"H"
"L"
"H"
"L"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com