| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 232 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 232 Page - Renesas Technology Corp |
|
232 / 406 page ![]() Under development M32C/8B Group 17. Serial Interfaces Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 215 of 385 17.1.1.4 Continuous Receive Mode Continuous receive mode can be used when all of the following conditions are met. • External clock is selected (the CKDIR bit in the UiMR register (i = 0 to 4) is set to 1) • RTS function is disabled (RTSi pin is not selected in the Function Select Register) When the UiRRM bit in the UiC1 register is set to 1 (continuous receive mode enabled), the TI bit in the UiC1 register becomes 0 (data in the UiTB register) by reading the UiRB register. Do not set dummy data to the UiTB register if the UiRRM bit is set to 1. 17.1.1.5 CTS/RTS Function • CTS Function Transmit and receive operation is controlled by using the input signal to the CTSi pin (i = 0 to 4). To use the CTS function, select the I/O port in the Function Select Register, set the CRD bit in the UiC0 register to 0 (CTS function enabled), and the CRS bit to 0 (CTS function selected). With the CTS function used, the transmit and receive operation starts when all the following conditions are met and an “L” signal is applied to the CTSi pin. -The TE bit in the UiC1 register is set to 1 (transmit operation enabled) -The TI bit in the UiC1 register is 0 (data in the UiTB register) -The RE bit in the UiC1 register is set to 1 (receive operation enabled) (If transmit-only operation is performed, the RE bit setting is not required) When a high-level (“H”) signal is applied to the CTSi pin during transmitting and receiving, the transmit and receive operation is disabled after the transmit and receive operation in progress is completed. • RTS Function The MCU can inform the external device that it is ready for a transmit and receive operation by using the output signal from the RTSi pin. To use the RTS function, select the RTSi pin in the Function Select Register. With the RTS function used, the RTSi pin outputs an “L” signal when all the following conditions are met, and outputs an “H” when the serial clock is input to the CLKi pin. -The RI bit in the UiC1 register is 0 (no data in the UiRB register) -The TE bit is set to 1 (transmit operation enabled) -The RE bit is set to 1 (receive operation enabled) (If transmit-only operation is performed, the RE bit setting is not required) -The TI bit is 0 (data in the UiTB register) 17.1.1.6 Procedure When the Communication Error is Occurred Follow the procedure below when a communication error is occurred in clock synchronous mode. (1) Set the TE bit in the UiC1 register (i = 0 to 4) to 0 (transmit operation disabled) and the RE bit to 0 (receive operation disabled). (2) Set bits SMD2 to SMD0 in the UiMR register to 000b (serial interface disabled). (3) Set bits SMD2 to SMD0 in the UiMR register to 001b (clock synchronous mode). (4) Set the TE bit to 1 (transmit operation enabled) and the RE bit to 1 (receive operation enabled). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |