Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 232Page - Renesas Technology Corp M32C/8B Datasheet HTML 233Page - Renesas Technology Corp M32C/8B Datasheet HTML 234Page - Renesas Technology Corp M32C/8B Datasheet HTML 235Page - Renesas Technology Corp M32C/8B Datasheet HTML 236Page - Renesas Technology Corp M32C/8B Datasheet HTML 237Page - Renesas Technology Corp M32C/8B Datasheet HTML 238Page - Renesas Technology Corp M32C/8B Datasheet HTML 239Page - Renesas Technology Corp M32C/8B Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 219 of 385
Figure 17.18
Transmit Operation in UART Mode
SP
SP
SP
SP
Stop bit
Parity bit
Start bit
(1) Example of the transmit operation timing in 8-bit data length (parity enabled, 1 stop bit)
Transmission stops because TE = 0
D7
TE bit in the
UiC1 register
The above applies under the following conditions:
- UiMR register: PRYE bit = 1 (parity enabled), STPS bit = 0 (1 stop bit)
- UiC0 register: CRD bit = 0 and CRS bit = 0 (CTS function used)
- UiC1 register: UiIRS bit = 1 (transmit interrupt is generated when the transmit operation is completed)
TC
1
0
Internal transmit
clock
TI bit in the UiC1
register
Write data to UiTB register
CTSi input
Transfer data from UiTB register to UARTi transmit shift register
TXDi output
D0
TXEPT bit in the
UiC0 register
IR bit in the
SiTIC register
Set to 0 by an interrupt request acknowledgement or by a program
D1 D2 D3 D4 D5 D6
ST
P
D7
D0 D1 D2 D3 D4 D5 D6
ST
P
D0
ST
SP
SP
Stop bits
Start bit
(2) Example of the transmit operation timing in 9-bit data length (parity disabled, 2 stop bit)
D7
TE bit in the
UiC1 register
The above applies under the following conditions:
- UiMR register: PRYE bit = 0 (parity disabled), STPS bit = 1 (2 stop bits)
- UiC0 register: CRD bit = 1 (CTS function disabled)
- UiC1 register: UiIRS bit = 0 (transmit interrupt is generated when no data in the UiTB register)
TC
TI bit in the UiC1
register
Write data to UiTB register
Transfer data from UiTB register to UARTi transmit shift register
TXDi output
D0
TXEPT bit in the
UiC0 register
IR bit in the
SiTIC register
Set to 0 by an interrupt request acknowledgement or by a program
16(m + 1)
fj
TC =
i = 0 to 4
NOTE:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
D1 D2 D3 D4 D5 D6
ST
D8
D7
D0 D1 D2 D3 D4 D5 D6
ST
D8
D0
ST
Internal transmit
clock
fj: f1, f8, f2n(1), fEXT
fEXT: clock input to the CLKi pin when the external clock is selected
m: setting value of the UiBRG register (00h to FFh)
1
0
1
0
1
0
1
0
1
0
1
0
1
0
“L”
“H”
“L”
“H”
“L”
“H”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com