Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 231Page - Renesas Technology Corp M32C/8B Datasheet HTML 232Page - Renesas Technology Corp M32C/8B Datasheet HTML 233Page - Renesas Technology Corp M32C/8B Datasheet HTML 234Page - Renesas Technology Corp M32C/8B Datasheet HTML 235Page - Renesas Technology Corp M32C/8B Datasheet HTML 236Page - Renesas Technology Corp M32C/8B Datasheet HTML 237Page - Renesas Technology Corp M32C/8B Datasheet HTML 238Page - Renesas Technology Corp M32C/8B Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 218 of 385
Figure 17.17
Register Settings in UART Mode
i = 0 to 4
fEXT: clock input to the CLKi pin when the external clock is selected
NOTES:
1. Set bits SMD2 to SMD0 to the following: 100b (7 bits long), 101b (8 bits long), or 110b (9 bits long).
2. A bit order can be selected when 8-bit data length is selected. Set to 0 when 7-bit or 9-bit data length is selected.
3. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
4. Whether data logic is inverted or not can be selected when 7-bit or 8-bit data length is selected. Set to 0 when 9-bit data
length is selected.
UART mode(1) select bits
Clock select bit
Stop bit length select bit
Parity select bit
Parity enable bit
TXD, RXD I/O polarity switch bit
UiBRG register count source select bits
CTS function select bit
CTS function disable bit
Data output select bit
Bit order select bit(2)
Transmit operation disabled
Receive operation disabled
UARTi transmit interrupt source select bit
Data logic select bit(4)
m = 00h to FFh
Baud rate =
fj
16(m+1)
fj = f1, f8, f2n(3), fEXT
Pin settings in the Function Select Registers
UiMR register: bits SMD2 to SMD0
CKDIR bit
STPS bit
PRY bit
PRYE bit
IOPOL bit
UiSMR register = 00h
UiSMR2 register = 00h
UiSMR3 register = 00h
UiSMR4 register = 00h
UiBRG register = m
UiC1 register: TE bit = 0
RE bit = 0
UiIRS bit
UiRRM bit = 0
UiLCH bit
bit 7 = 0
Transmit operation starts by writing data to the UiTB register
UiC0 register: bits CLK1 and CLK0
CRS bit
CRD bit
NCH bit
CKPOL bit = 0
UFORM bit
Start
End
Receive operation starts when the start bit is detected.
Read the UiRB register when the receive operation is completed.
Transmit operation enabled
Receive operation enabled
UiC1 register: TE bit = 1
RE bit = 1
Transmit interrupt priority level select bits
Interrupt not requested
SiTIC register: bits ILVL2 to ILVL0
IR bit = 0
Receive interrupt priority level select bits
Interrupt not requested
SiRIC register: bits ILVL2 to ILVL0
IR bit = 0
Interrupt enabled
I flag = 1
Interrupt disabled
I flag = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com