Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 237Page - Renesas Technology Corp M32C/8B Datasheet HTML 238Page - Renesas Technology Corp M32C/8B Datasheet HTML 239Page - Renesas Technology Corp M32C/8B Datasheet HTML 240Page - Renesas Technology Corp M32C/8B Datasheet HTML 241Page - Renesas Technology Corp M32C/8B Datasheet HTML 242Page - Renesas Technology Corp M32C/8B Datasheet HTML 243Page - Renesas Technology Corp M32C/8B Datasheet HTML 244Page - Renesas Technology Corp M32C/8B Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 224 of 385
17.1.3
Special Mode 1 (I2C Mode)
In I2C mode, the simplified I2C helps to communicate with external devices.
Table 17.6 lists specifications of I2C mode. Tables 17.7 and 17.8 list register settings. Tables 17.9 and 17.10 list
individual functions in I2C mode. Table 17.11 lists pin settings. Figure 17.23 shows a block diagram of I2C
mode. Figure 17.24 shows a transfer timing to the UiRB register (i = 0 to 4) and interrupt timing.
Table 17.6
I2C Mode Specifications
NOTES:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
2. If an external clock is selected, satisfy the conditions while an “H” signal is applied to the SCLi pin.
3. If an overrun error occurs, a read from the UiRB register returns undefined values.
Item
Specification
Data format
• Data length: 8 bits long
Baud rate
• In master mode
When the CKDIR bit in the UiMR register (i = 0 to 4) is set to 0 (internal clock):
fj / (2 (m + 1))
fj = f1, f8, f2n(1) m: setting value of the UiBRG register (00h to FFh)
• In slave mode
When the CKDIR bit is set to 1 (external clock): input from the SCLi pin
Transmit start condition
To start transmit operation, all of the following must be met(2):
• Set the TE bit in the UiC1 register to 1 (transmit operation enabled)
• The TI bit in the UiC1 register is 0 (data in the UiTB register)
Receive start condition
To start receive operation, all of the following must be met(2):
• Set the TE bit to 1 (transmit operation enabled)
• The TI bit is 0 (data in the UiTB register)
• Set the RE bit in the UiC1 register to 1 (receive operation enabled)
Interrupt request generation
timing
• Start condition detection
• Stop condition detection
• ACK (Acknowledge) detection
• NACK (Not-Acknowledge) detection
Error detection
• Overrun error(3)
Overrun error occurs when the 8th bit of the next data is received before reading the
UiRB register
Selectable function
• Arbitration lost detect timing
Update timing of the ABT bit in the UiRB register (i = 0 to 4) can be selected.
• SDAi digital delay
No digital delay or 2 to 8 cycle delay of the UiBRG count source can be selected.
• Clock phase setting
Clock delay or no clock delay can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com