Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 241Page - Renesas Technology Corp M32C/8B Datasheet HTML 242Page - Renesas Technology Corp M32C/8B Datasheet HTML 243Page - Renesas Technology Corp M32C/8B Datasheet HTML 244Page - Renesas Technology Corp M32C/8B Datasheet HTML 245Page - Renesas Technology Corp M32C/8B Datasheet HTML 246Page - Renesas Technology Corp M32C/8B Datasheet HTML 247Page - Renesas Technology Corp M32C/8B Datasheet HTML 248Page - Renesas Technology Corp M32C/8B Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 228 of 385
As shown in Tables 17.9 and 17.10, I2C mode is entered when bits SMD2 to SMD0 in the UiMR register are set
to 010b (I2C mode) and the IICM bit in the UiSMR register to 1 (I2C mode). Because an SDAi transmit output
passes through a delay circuit, output signal from the SDAi pin changes after the SCLi pin level becomes low
(“L”) and the “L” output stabilizes.
Table 17.9
Functions in I2C Mode (1/2)
i = 0 to 4
NOTE:
1.
Use the following procedures to change an interrupt source.
(a) Disable an interrupt of the corresponding interrupt number.
(b) Change an interrupt source.
(c) Set the IR bit of a corresponding interrupt number to 0 (interrupt not requested).
(d) Set bits ILVL2 to ILVL0 of the corresponding interrupt number.
Function
I2C Mode (SMD2 to SMD0 = 010b, IICM = 1)
IICM2 = 0
(NACK/ACK interrupt)
IICM2 = 1
(UART transmit/receive interrupt)
CKPH = 0
(no clock delay)
CKPH = 1
(clock delay)
CKPH = 0
(no clock delay)
CKPH = 1
(clock delay)
Interrupt source for
numbers 39 to 41(1)
(See Figure 17.24)
Start condition or stop condition detection
(See Table 17.12 STSPSEL Bit Function)
Interrupt source for
numbers 17, 19, 33, 35,
37(1)
(See Figure 17.24)
No acknowledgement detection (NACKi) -
at the rising edge of 9th bit of SCLi
UARTi transmit
operation - at the
rising edge of 9th bit
of SCLi
UARTi transmit
operation - at the
next falling edge after
the 9th bit of SCLi
Interrupt source for
numbers 18, 20, 34, 36,
38(1)
(See Figure 17.24)
Acknowledgement detection (ACKi) -
at the rising edge of 9th bit of SCLi
UARTi receive operation - at the falling edge
of 9th bit of SCLi
Data transfer timing
from the UART receive
shift register to the UiRB
register
At rising edge of 9th bit of SCLi
Falling edge of 9th bit
of SCLi
Falling edge and
rising edge of 9th bit
of SCLi
UARTi transmit output
delay
Delay
Functions of P6_3,
P6_7, P7_0, P9_2,
P9_6
SDAi input and output
Functions of P6_2,
P6_6, P7_1, P9_1,
P9_7
SCLi input and output
Noise filter width
200 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com