| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 249 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 249 Page - Renesas Technology Corp |
|
249 / 406 page ![]() Under development M32C/8B Group 17. Serial Interfaces Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 232 of 385 17.1.3.1 Detecting Start Condition and Stop Condition The MCU detects the start condition and stop condition. The start condition detection interrupt request is generated when the SDAi (i = 0 to 4) pin level changes from high (“H”) to low (“L”) while the SCLi pin level is held “H”. The stop condition detection interrupt request is generated when the SDAi pin level changes from “L” to “H” while the SCLi pin level is held “H”. The start condition detection interrupt shares the Interrupt Control Register and interrupt vector with the stop condition detection interrupt. The BBS bit in the UiSMR register determines which interrupt is requested. Figure 17.25 Start Condition or Stop Condition Detection 17.1.3.2 Start Condition or Stop Condition Output The start condition is generated when the STAREQ bit in the UiSMR4 register (i = 0 to 4) is set to 1 (start). The restart condition is generated when the RSTAREQ bit in the UiSMR4 register is set to 1 (start). The stop condition is generated when the STPREQ bit in the UiSMR4 is set to 1 (start). The following is the procedure to output the start condition, restart condition, or stop condition. (1) Set the STAREQ bit, RSTAREQ bit, or STPREQ bit to 1 (start). (2) Set the STSPSEL bit in the UiSMR4 register to 1 (start/stop condition generation circuit selected). Table 17.12 and Figure 17.26 show functions of the STSPSEL bit. Table 17.12 STSPSEL Bit Function Function STSPSEL = 0 STSPSEL = 1 Output from pins SCLi and SDAi Output the serial clock and data. Output of the start condition or stop condition is controlled by software utilizing port functions. (The start condition and stop condition are not automatically generated by hardware) Output of the start condition or stop condition is controlled by the status of bits STAREQ, RSTAREQ, and STPREQ. Timing to generate start condition and stop condition interrupt requests When start condition and stop condition are detected When start condition and stop condition generation are completed i=0 to 4 NOTE: 1. These are cycles of the main clock oscillation frequency f(XIN). SDAi (stop condition) 6 cycles < setup time(1) 6 cycles < hold time(1) Setup time Hold time SCLi SDAi (start condition) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |