Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 248Page - Renesas Technology Corp M32C/8B Datasheet HTML 249Page - Renesas Technology Corp M32C/8B Datasheet HTML 250Page - Renesas Technology Corp M32C/8B Datasheet HTML 251Page - Renesas Technology Corp M32C/8B Datasheet HTML 252Page - Renesas Technology Corp M32C/8B Datasheet HTML 253Page - Renesas Technology Corp M32C/8B Datasheet HTML 254Page - Renesas Technology Corp M32C/8B Datasheet HTML 255Page - Renesas Technology Corp M32C/8B Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 235 of 385
17.1.3.6 SDA Input
When the IICM2 bit in the UiSMR2 register (i = 0 to 4) is set to 0, the first eight bits of received data are stored
into bits 7 to 0 (D7 to D0) in the UiRB register. The ninth bit (D8) is ACK or NACK.
When the IICM2 bit is set to 1, the first seven bits (D7 to D1) of received data are stored into bits 6 to 0 in the
UiRB register. The eighth bit (D0) is stored into bit 8 in the UiRB register.
If the IICM2 bit is set to 1 and the CKPH bit in the UiSMR3 register is set to 1 (clock delay), the same data as
that of when setting the IICM2 bit to 0 can be returned, by reading the UiRB register after the rising edge of the
ninth bit of the serial clock.
17.1.3.7 ACK, NACK
When the STSPSEL bit in the UiSMR4 register is set to 0 (start/stop condition not output) and the ACKC bit in
the UiSMR4 register is set to 1 (ACK data output), the SDAi pin outputs the setting value, ACK or NACK, of
the ACKD bit in the UiSMR4 register.
If the IICM2 bit is set to 0, the NACK interrupt request is generated when the SDAi pin is held high (“H”) at the
rising edge of the ninth bit of the serial clock. The ACK interrupt request is generated when the SDAi pin is
held low (“L”) at the rising edge of the ninth bit of the serial clock.
When ACK is selected to generate a DMA request source, the DMA transfer is activated by an ACK detection.
17.1.3.8 Transmit and Receive Operation Initialization
The following occurs when the STC bit in the UiSMR2 register is set to 1 (UARTi initialized) and the start
condition is detected:
• The UARTi transmit shift register is initialized and the contents of the UiTB register are transferred to the
UARTi transmit shift register. Then, the transmit operation is started at the next serial clock input to the
SCLi pin. UARTi output value remains the same as when the start condition was detected until the first bit
data is output.
• The UARTi receive shift register is initialized and the receive operation is started at the next serial clock
input to the SCLi pin.
• The SWC bit in the UiSMR2 register becomes 1 (SCLi pin is held “L” after receiving 8th bit). An output
from the SCLi pin becomes “L” at the falling edge of the ninth bit of the serial clock.
When UARTi transmit/receive operation is started with setting the STC bit to 1, the TI bit in the UiC1 register
remains unchanged. Also, select the external clock as the serial clock to start UARTi transmit/receive operation
with setting the STC bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com