Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 249Page - Renesas Technology Corp M32C/8B Datasheet HTML 250Page - Renesas Technology Corp M32C/8B Datasheet HTML 251Page - Renesas Technology Corp M32C/8B Datasheet HTML 252Page - Renesas Technology Corp M32C/8B Datasheet HTML 253Page - Renesas Technology Corp M32C/8B Datasheet HTML 254Page - Renesas Technology Corp M32C/8B Datasheet HTML 255Page - Renesas Technology Corp M32C/8B Datasheet HTML 256Page - Renesas Technology Corp M32C/8B Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 236 of 385
17.1.4
Special Mode 2
Full-duplex clock synchronous serial communications are allowed in this mode. SS function is used for transmit
and receive control. The input signal to the SSi pin (i = 0 to 4) determines whether the transmit and receive
operation is enabled or disabled. When it is disabled, the output pin is placed in a high-impedance state. Table
17.13 lists specifications of special mode 2. Table 17.14 lists pin settings. Figure 17.27 shows register settings.
Table 17.13
Special Mode 2 Specifications
NOTES:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
2. If an external clock is selected, ensure that an “H” signal is applied to the CLKi pin when the CKPOL bit in the
UiC0 register is set to 0, and that an “L” signal is applied when the CKPOL bit is set to 1.
3. If an overrun error occurs, a read from the UiRB register returns undefined values. The IR bit in the SiRIC
register remains unchanged as 0 (interrupt not requested).
Item
Specification
Data format
Data length: 8 bits long
Baud rate
• The CKDiR bit in the UiMR register (i = 0 to 4) is set to 0 (internal clock):
fj / (2 (m + 1))
fj = f1, f8, f2n(1) m: setting value of the UiBRG register (00h to FFh)
• The CKDIR bit to 1 (external clock): input from the CLKi pin
Transmit/receive control
• SS function
Output pin is placed in a high-impedance state to avoid data conflict between a
master and other masters, or a slave and other slaves.
Transmit and receive
start condition
Internal clock is selected (master mode):
• Set the TE bit in the UiC1 register to 1 (transmit operation enabled)
• The TI bit in the UiC1 register is 0 (data in the UiTB register)
• Set the RE bit in the UiC1 register to 1 (receive operation enabled)
• “H” signal is applied to the SSi pin when the SS function is used
External clock is selected (slave mode)(2):
• Set the TE bit to 1
• The TI bit is 0
• Set the RE bit to 1
• “L” signal is applied to the SSi pin
If transmit-only operation is performed, the RE bit setting is not required in both cases.
Interrupt request
generation timing
Transmit interrupt (The UiIRS bit in the UiC1 register selects one of the following):
• The UiIRS bit is set to 0 (no data in the UiTB register):
when data is transferred from the UiTB register to the UARTi transmit shift register
(transmit operation started)
• The UiIRS bit is set to 1 (transmit operation completed):
when data transmit operation from the UARTi transmit shift register is completed
Receive interrupt:
• When data is transferred from the UARTi receive shift register to the UiRB register
(receive operation completed)
Error detection
• Overrun error(3)
Overrun error occurs when the 7th bit of the next data is received before reading the
UiRB register
• Mode error
Mode error occurs when an “L” signal is applied to the SSi pin in master mode
Selectable function
• CLK polarity
Transmit data output timing and receive data input timing can be selected
• LSB first or MSB first
Data is transmitted or received from either bit 0 or bit 7
• Serial data logic inverse
Transmit and receive data are logically inverted
• TXD and RXD I/O polarity Inverse
The level output from the TXD pin and the level applied to the RXD pin are inverted.
• Clock phase
One of four combinations of serial clock polarity and phase can be selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com