| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 257 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 257 Page - Renesas Technology Corp |
|
257 / 406 page ![]() Under development M32C/8B Group 17. Serial Interfaces Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 240 of 385 17.1.4.3 Clock Phase Setting Function The clock polarity and clock phase are selected from four combinations of the CKPH and CKPOL bits in the UiSMR3 register (i = 0 to 4). The master must have the same serial clock polarity and phase as the slaves involved in the communication. Figure 17.29 shows a transmit and receive operation timing. Figure 17.29 Transmit and Receive Operation Timing in Special Mode 2 D0 D1 CLKi I/O (CKPOL = 0) CLKi I/O (CKPOL = 1) D2 D3 D4 D5 D6 D7 D0 undefined D1 i=0 to 4 CKPH, DINC: bits in the UiSMR3 register CKPOL: bit in the UiC0 register NOTE: 1. P7_0 and P7_1 are N-channel open drain output ports. They must be pulled up externally to output data. D2 D3 D4 D5 D6 D7 Hi-Z CLKi I/O (CKPOL = 0) CLKi I/O (CKPOL = 1) Hi-Z D1 D0 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 (1) When the CKPH = 0 (no clock delay) (2) When the CKPH = 1 (clock delay) In master mode (internal clock) (DINC = 0) In slave mode (external clock) (DINC = 1) SSi input pin TXDi output SSi input pin STXDi output (1) Receive data input timing Receive data input timing In slave mode (external clock) (DINC = 1) SSi input pin STXDi output (1) Receive data input timing In master mode (internal clock) (DINC = 0) SSi input pin TXDi output Receive data input timing Hi-Z Hi-Z “H” “L” “H” “L” “H” “L” “H” “L” “H” “L” “H” “L” “H” “L” “H” “L” “H” “L” “H” “L” “H” “L” “H” “L” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |