Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 256Page - Renesas Technology Corp M32C/8B Datasheet HTML 257Page - Renesas Technology Corp M32C/8B Datasheet HTML 258Page - Renesas Technology Corp M32C/8B Datasheet HTML 259Page - Renesas Technology Corp M32C/8B Datasheet HTML 260Page - Renesas Technology Corp M32C/8B Datasheet HTML 261Page - Renesas Technology Corp M32C/8B Datasheet HTML 262Page - Renesas Technology Corp M32C/8B Datasheet HTML 263Page - Renesas Technology Corp M32C/8B Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 243 of 385
Figure 17.30
Register Settings in GCI Mode
End
i = 0 to 4
NOTE:
1. The external clock synchronization function is determined by the combination of the SCLKDIV bit in the UiSMR register
and the SU1HIM bit in the UiSMR2 register. Refer to the table "
Clock-Divided Synchronous Function Select" for
details.
UiMR register: bits SMD2 to SMD0 = 001b
CKDIR bit = 1
IOPOL bit = 0
UiSMR register: bits 6 to 0 = 0000000b
SCLKDIV bit
UiC0 register: bits CLK1 and CLK0 = 00b
CRD bit = 1
NCH bit
CKPOL bit = 0
UFORM bit = 0
UiC1 register: TE bit = 0
RE bit = 0
UiIRS bit
UiRRM bit = 0
UiLCH bit = 0
SCLKSTPB bit = 0
Pin setting in the Function Select Registers
Transmit/receive operation starts when a trigger is input to the
CTSi pin after writing data to the UiTB register.
Read the UiRB register when a receive operation is completed.
UiSMR3 register = 00h
UiSMR4 register = 00h
UiSMR2 register: bits 6 to 0 = 0000000b
SU1HIM bit
UiBRG register = 00h
Start
Transmit operation enabled
Receive operation enabled
UiC1 register: TE bit = 1
RE bit = 1
Transmit interrupt priority level select bits
Interrupt not requested
SiTIC register: bits ILVL2 to ILVL0
IR bit = 0
Receive interrupt priority level select bits
Interrupt not requested
SiRIC register: bits ILVL2 to ILVL0
IR bit = 0
Clock synchronous mode
Select external clock
CTS function disabled
Data output select bit
Transmit operation disabled
Receive operation disabled
UARTi transmit interrupt source select bit
Clock-divided synchronization stopped
Clock division synchronous bit(1)
External clock synchronous enable bit(1)
Interrupt enabled
I flag = 1
Interrupt disabled
I flag = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com