Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 260Page - Renesas Technology Corp M32C/8B Datasheet HTML 261Page - Renesas Technology Corp M32C/8B Datasheet HTML 262Page - Renesas Technology Corp M32C/8B Datasheet HTML 263Page - Renesas Technology Corp M32C/8B Datasheet HTML 264Page - Renesas Technology Corp M32C/8B Datasheet HTML 265Page - Renesas Technology Corp M32C/8B Datasheet HTML 266Page - Renesas Technology Corp M32C/8B Datasheet HTML 267Page - Renesas Technology Corp M32C/8B Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 247 of 385
Figure 17.32
Register Settings in SIM Mode
i = 0 to 4
NOTES:
1. Set to 1 in the direct format, and set to 0 in the inverse format.
2. Set to 0 in the direct format, and set to 1 in the inverse format.
3. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
4. Determine whether an "L" is output from the TXDi pin by reading the port that shares a pin with the RXDi pin in the receive
operation complete interrupt routine. When an "L" is output, wait for one clock cycle to read the UiRB register.
UiMR register: bits SMD2 to SMD0 = 101b
CKDIR bit = 0
STPS bit = 0
PRY bit
PRYE bit = 1
IOPOL bit = 0
UART mode: 8-bit data length
Select internal clock
Select 1 stop bit
Parity select bit(1)
Parity enabled
UiC0 register: bits CLK1 and CLK0
CRD bit = 1
NCH bit = 1
CKPOL bit = 0
UFORM bit
UiBRG register count source select bits
CTS function disabled
N-channel open drain output
Bit order select bit(2)
UiC1 register: TE bit = 0
RE bit = 0
UiIRS bit = 1
UiRRM bit = 0
UiLCH bit
UiERE bit = 1
Transmit operation disabled
Receive operation disabled
Transmit completion as transmit interrupt source
Data logic select bit(2)
Error signal output enabled
Pin setting in the Function Select Registers
UiSMR register = 00h
UiSMR2 register = 00h
UiSMR3 register = 00h
UiSMR4 register = 00h
m = 00h to FFh
Baud rate =
fj
16(m + 1)
fj = f1, f8, f2n(3)
UiBRG register = m
End
Transmit operation starts by writing data to the UiTB register
Receive operation starts when the start bit is detected.
Read the UiRB register when the receive operation is completed.
Transmit operation enabled
Receive operation enabled
UiC1 register: TE bit = 1
RE bit = 1
Transmit interrupt priority level select bits
Interrupt not requested
SiTIC register: bits ILVL2 to ILVL0
IR bit = 0
Receive interrupt priority level select bits
Interrupt not requested
SiRIC register: bits ILVL2 to ILVL0
IR bit = 0
Interrupt enabled
I flag = 1
Interrupt disabled
I flag = 0
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com