Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 261Page - Renesas Technology Corp M32C/8B Datasheet HTML 262Page - Renesas Technology Corp M32C/8B Datasheet HTML 263Page - Renesas Technology Corp M32C/8B Datasheet HTML 264Page - Renesas Technology Corp M32C/8B Datasheet HTML 265Page - Renesas Technology Corp M32C/8B Datasheet HTML 266Page - Renesas Technology Corp M32C/8B Datasheet HTML 267Page - Renesas Technology Corp M32C/8B Datasheet HTML 268Page - Renesas Technology Corp M32C/8B Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 248 of 385
Figure 17.33
SIM Interface Operation
Data is transfer from UiTB register
to UARTi transmit shift register
"L" level is sent back from the SIM card since parity error has occurred
Data is set in UiTB register
SP
SP
Stop bit
Parity bit
Start bit
D7
TE bit in the
UiC1 register
The above applies under the following conditions:
- UiMR register: PRYE bit = 1 (parity enabled), STPS bit = 0 (1 stop bit)
- UiC1 register: UiIRS bit = 1 (transmit interrupt is generated at the transmit completion)
TC
1
0
Internal transmit
clock
TI bit in the UiC1
register
TXDi output
D0
TXEPT bit in the
UiC0 register
IR bit in the
SiTIC register
D1 D2 D3 D4 D5 D6
ST
P
D7
D0 D1 D2 D3 D4 D5 D6
ST
P
(2) Receive operation
RE bit in the
UiC1 register
The above applies under the following conditions:
- UiMR register: PRYE bit = 1 (parity enabled), STPS bit = 0 (1 stop bit)
Transmit
waveform sent by
transmitting device
RI bit in the
UiC1 register
IR bit in the SiRIC
register
Set to 0 by an interrupt request acknowledgement or by a program
16( m+ 1)
fj
TC =
i = 0 to 4
Internal receive
clock
fj: f1, f8, f2n(4)
m: setting value of the UiBRG register (00 to FF)
Parity error signal
sent back from
receiving device
SP
D7
Signal line level(2)
D0 D1 D2 D3 D4 D5 D6
ST
P
D7
D0 D1 D2 D3 D4 D5 D6
ST
TXDi ouput
(1) Transmit operation
Signal line level(3)
(note 1)
Detect the level in interrupt routine
SP
SP
Stop bit
Parity bit
Start bit
D7
D0 D1 D2 D3 D4 D5 D6
ST
P
D7
D0 D1 D2 D3 D4 D5 D6
ST
P
TC
SP
D7
D0 D1 D2 D3 D4 D5 D6
ST
P
D7
D0 D1 D2 D3 D4 D5 D6
ST
P
SP
P
SP
Read from the UiRB register
TXDi pin outputs "L" level since parity error has occurred
NOTES:
1. Transmit operation is started when UiBRG overflows after data is set in the UiTB register in the indicated timing.
2. Because pins TXDi and RXDi are connected, a composite waveform, consisting of transmit waveform from the TXDi pin and parity error signal from the
receiving device, is generated.
3. Because pins TXDi and RXDi are connected, a composite waveform consisting of transmit waveform from the transmitting device and parity error
signal from the TXDi pin, is generated.
4. Bits CNT3 to CNT0 in the TCSPR register selects no division (n = 0) or divide-by-2n (n = 1 to 15).
Set to 0 by an interrupt request acknowledgement or by a program
1
0
1
0
1
0
1
0
1
0
1
0
“H”
“L”
“H”
“L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com