Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 263Page - Renesas Technology Corp M32C/8B Datasheet HTML 264Page - Renesas Technology Corp M32C/8B Datasheet HTML 265Page - Renesas Technology Corp M32C/8B Datasheet HTML 266Page - Renesas Technology Corp M32C/8B Datasheet HTML 267Page - Renesas Technology Corp M32C/8B Datasheet HTML 268Page - Renesas Technology Corp M32C/8B Datasheet HTML 269Page - Renesas Technology Corp M32C/8B Datasheet HTML 270Page - Renesas Technology Corp M32C/8B Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 250 of 385
17.1.6.2 Formats
17.1.6.2.1 Direct Format
When data is transmitted, data set in the UiTB register (i = 0 to 4) is transmitted with even parity, starting from
D0. When data is received, received data is stored into the UiRB register, starting from D0. A parity error is
determined with even parity.
Set the bits as follows to transmit or receive in the direct format.
• Set the PRYE bit in the UiMR register to 1 (parity enabled).
• Set the PRY bit in the UiMR register to 1 (even parity).
• Set the UFORM bit in the UiC0 register to 0 (LSB first).
• Set the UiLCH bit in the UiC1 register to 0 (not inverted).
17.1.6.2.2 Inverse Format
When data is transmitted, values set in the UiTB register are logically inverted. The data with the inverted
values is transmitted with odd parity, starting from D7. When data is received, received data is logically
inverted to be stored into the UiRB register, starting from D7. A parity error is determined with odd parity.
Set the bits as follows to transmit or receive in the inverse format.
• Set the PRYE bit to 1 (parity enabled).
• Set the PRY bit to 0 (odd parity).
• Set the UFORM bit to 1 (MSB first).
• Set the UiLCH bit to 1 (inverted).
Figure 17.36
SIM Interface Formats
(1) Direct format
D1
D3
D4
D5
D6
D2
D7
P
D0
i = 0 to 4
P: Even parity
"H"
"L"
(2) Inverse format
TXDi
P
P: Odd parity
"H"
"L"
D1
D3
D4
D5
D6
D2
D7
D0
TXDi
ST
SP
SP
ST
ST: Start bit
SP: Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com