Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 265Page - Renesas Technology Corp M32C/8B Datasheet HTML 266Page - Renesas Technology Corp M32C/8B Datasheet HTML 267Page - Renesas Technology Corp M32C/8B Datasheet HTML 268Page - Renesas Technology Corp M32C/8B Datasheet HTML 269Page - Renesas Technology Corp M32C/8B Datasheet HTML 270Page - Renesas Technology Corp M32C/8B Datasheet HTML 271Page - Renesas Technology Corp M32C/8B Datasheet HTML 272Page - Renesas Technology Corp M32C/8B Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 406 page
background image
Under development
M32C/8B Group
18. A/D Converter
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 252 of 385
Figure 18.1
A/D Converter Block Diagram
Successive conversion register
NOTES:
1. These pins can be used in single-chip mode only.
2. These pins are provided in the 144-pin package only.
3. AVCC = VCC1
≥ VCC2, AD input (AN_0 to AN_7, AN15_0 to AN15_7, ANEX0, ANEX1) ≤ VCC1,
AD input (AN0_0 to AN0_7, AN2_0 to AN2_7)
≤ VCC2
Timer B2 interrupt request
(after ICTB2 register completes
counting) of the three-phase
control timer function
0
1
TRG0 bit in
AD0CON2 register
TRG bit in
AD0CON0 register
000
010
001
011
100
101
110
111
AN2_0
AN2_2
AN2_1
AN2_3
AN2_4
AN2_5
AN2_6
AN2_7
000
010
001
011
100
101
110
111
AN0_0
AN0_2
AN0_1
AN0_3
AN0_4
AN0_5
AN0_6
AN0_7
000
010
001
011
100
101
110
111
AN15_0
AN15_2
AN15_1
AN15_3
AN15_4
AN15_5
AN15_6
AN15_7
000
010
001
011
100
101
110
111
AN_0
AN_2
AN_1
AN_3
AN_4
AN_5
AN_6
AN_7
1X
X1
AD00 register
Comparator
AD07 register
AD06 register
AD05 register
AD04 register
AD03 register
AD02 register
AD01 register
Resistor ladder
AD0CON0 register
AD0CON1 register
AD0CON2 register
AD0CON3 register
AD0CON4 register
Bits CH2 to CH0 in
AD0CON0 register
P9_6
ANEX1
P9_5
ANEX0
P10(3)
fAD
1/2
1/2
1/2
CKS1 bit in
AD0CON1 register
φAD
1
0
1
0
1
0
1
ADTRG
Bits APS1 and APS0
in AD0CON2 register
00
11
10
01
11
01
P2(1, 3)
P0(1, 3)
P15(2, 3)
1
0
Bits CH2 to CH0 in
AD0CON0 register
Bits OPA1 and OPA0
in AD0CON1 register
Software trigger
0
1/3
00
CKS2 bit in
AD0CON3 register
CKS0 bit in
AD0CON0 register
ADST bit
Start trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com