Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 264Page - Renesas Technology Corp M32C/8B Datasheet HTML 265Page - Renesas Technology Corp M32C/8B Datasheet HTML 266Page - Renesas Technology Corp M32C/8B Datasheet HTML 267Page - Renesas Technology Corp M32C/8B Datasheet HTML 268Page - Renesas Technology Corp M32C/8B Datasheet HTML 269Page - Renesas Technology Corp M32C/8B Datasheet HTML 270Page - Renesas Technology Corp M32C/8B Datasheet HTML 271Page - Renesas Technology Corp M32C/8B Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 406 page
background image
Under development
M32C/8B Group
18. A/D Converter
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 251 of 385
18. A/D Converter
M32C/8B Group has one 10-bit successive approximation A/D converter with a capacitance coupled amplifier.
The results of A/D conversion are stored into the AD0i registers (i = 0 to 7) corresponding to the selected pins. When
using DMAC operating mode, the conversion results are stored only into the AD00 register.
Table 18.1 lists specifications of the A/D converter. Figure 18.1 shows a block diagram of the A/D converter. Figures
18.2 to 18.6 show registers associated with the A/D converter.
Table 18.1
A/D Converter Specifications
NOTES:
1. The
φAD frequency must be 16 MHz or lower when VCC1 = 4.2 to 5.5 V.
The
φAD frequency must be 10 MHz or lower when VCC1 = 3.0 to 5.5 V.
Without the sample and hold function, the
φAD frequency must be 250 kHz or higher.
With the sample and hold function, the
φAD frequency must be 1 MHz or higher.
2. AVCC = VCC1
≥ VCC2
AD input (AN_0 to AN_7, AN15_0 to AN15_7, ANEX0, ANEX1)
≤ VCC1,
AD input (AN0_0 to AN0_7, AN2_0 to AN2_7)
≤ VCC2
Item
Specification
A/D conversion method
Successive approximation (with capacitance coupled amplifier)
Analog input voltage
0 V to AVCC (VCC1)
Operating clock
φAD(1)
fAD, fAD/2, fAD/3, fAD/4, fAD/6, fAD/8
Resolution
Selectable from 8 bits or 10 bits
Operating modes
• One-shot mode
• Repeat mode
• Single sweep mode
• Repeat sweep mode 0
• Repeat sweep mode 1
• Multi-port single sweep mode
• Multi-port repeat sweep mode 0
Analog input pins(2)
144 pin package: 34 pins
8 pins each for AN (AN_0 to AN_7), AN0 (AN0_0 to AN0_7),
AN2 (AN2_0 to AN2_7), and AN15 (AN15_0 to AN15_7)
2 extended input pins (ANEX0 and ANEX1)
100 pin package: 26 pins
8 pins each for AN (AN_0 to AN_7), AN0 (AN0_0 to AN0_7),
AN2 (AN2_0 to AN2_7)
2 extended input pins (ANEX0 and ANEX1)
A/D conversion start condition
• Software trigger
The ADST bit in the AD0CON0 register is set to 1 (A/D conversion starts).
• External trigger (retrigger is enabled)
When the falling edge is detected at the ADTRG pin after the ADST bit is set to 1.
• Hardware trigger (retrigger is enabled)
Timer B2 interrupt request of the three-phase motor control timer function (after
the ICTB2 register completes counting) is generated after the ADST bit is set
to 1.
Conversion rate per pin
• Without sample and hold function
8-bit resolution: 49
φAD cycles, 10-bit resolution: 59 φAD cycles
• With sample and hold function
8-bit resolution: 28
φAD cycles, 10-bit resolution: 33 φAD cycles
The 144-pin package is described as an example in this chapter.
Pins AN15_0 to AN15_7 are not provided in the 100-pin package.
NOTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com