| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 243 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 243 Page - Renesas Technology Corp |
|
243 / 406 page ![]() Under development M32C/8B Group 17. Serial Interfaces Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 226 of 385 Table 17.7 Register Settings in I2C Mode (1/2) i = 0 to 4 Register Bit Setting Value Master Slave UiMR SMD2 to SMD0 Set to 010b CKDIR Set to 0 Set to 1 IOPOL Set to 0 UiSMR IICM Set to 1 ABC Select an arbitration lost detect timing Disabled BBS Bus busy flag 7 to 3 Set to 00000b UiSMR2 IICM2 See Tables 17.9 and 17.10 Functions in I2C Mode CSC Set to 1 to enable clock synchronization Set to 0 SWC Set to 1 to hold an “L” signal output from SCLi at the falling edge of the ninth bit of the serial clock ALS Set to 1 to abort an SDAi output when detecting the arbitration lost Set to 0 STC Set to 0 Set to 1 to initialize UARTi by detecting the start condition SWC2 Set to 1 to forcibly make a signal output from SCL an “L” SDHI Set to 1 to disable SDA output SU1HIM Set to 0 UiSMR3 SSE Set to 0 CKPH See Tables 17.9 and 17.10 Functions in I2C Mode DINC, NODC, ERR Set to 0 DL2 to DL0 Set SDAi digital delay value UiSMR4 STAREQ Set to 1 to generate the start condition Set to 0 RSTAREQ Set to 1 to generate the restart condition STPREQ Set to 1 to generate the stop condition STSPSEL Set to 1 when using a condition generation function ACKD Select ACK or NACK ACKC Set to 1 to output ACK data SCLHI Set to 1 to enable SCL output stop when detecting the stop condition Set to 0 SWC9 Set to 0 Set to 1 to hold an “L” signal output from SCLi at the falling edge of the ninth bit of the serial clock |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |