Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 365Page - Renesas Technology Corp 7643 Datasheet HTML 366Page - Renesas Technology Corp 7643 Datasheet HTML 367Page - Renesas Technology Corp 7643 Datasheet HTML 368Page - Renesas Technology Corp 7643 Datasheet HTML 369Page - Renesas Technology Corp 7643 Datasheet HTML 370Page - Renesas Technology Corp 7643 Datasheet HTML 371Page - Renesas Technology Corp 7643 Datasheet HTML 372Page - Renesas Technology Corp 7643 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.5 Control registers
Rev.2.00
Aug 28, 2006
page 46 of 98
Fig. 3.5.5 Structure of Interrupt request register C
Interrupt request register C
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register C
(IREQC : address 0416)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
Timer 3 interrupt request
bit
Serial I/O interrupt request
bit
Key input interrupt request
bit
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0
✽
✽
✽
✽: “0” can be set by software, but “1” cannot be set.
0
Nothing is arranged for these bits.
When these bits are read out, the contents are undefined.
These bits are “0” at write.
Nothing is arranged for these bits.
When these bits are read out, the contents are undefined.
These bits are “0” at write.
Nothing is arranged for this bit.
Fix this bit to “0”.
Interrupt control register A
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt control register A
(ICONA : address 0516)
b
0
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
USB function interrupt
enable bit
INT1 interrupt enable bit
DMAC0 interrupt enable
bit
UART receive buffer full
interrupt enable bit
INT0 interrupt enable bit
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
DMAC1 interrupt enable
bit
UART transmit interrupt
enable bit
0
Nothing is arranged for this bit.
Fix this bit to “0”.
Fig. 3.5.6 Structure of Interrupt control register A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com