Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 369Page - Renesas Technology Corp 7643 Datasheet HTML 370Page - Renesas Technology Corp 7643 Datasheet HTML 371Page - Renesas Technology Corp 7643 Datasheet HTML 372Page - Renesas Technology Corp 7643 Datasheet HTML 373Page - Renesas Technology Corp 7643 Datasheet HTML 374Page - Renesas Technology Corp 7643 Datasheet HTML 375Page - Renesas Technology Corp 7643 Datasheet HTML 376Page - Renesas Technology Corp 7643 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.5 Control registers
Rev.2.00
Aug 28, 2006
page 50 of 98
Port control register
b7 b6 b5 b4 b3 b2 b1 b0
Port control register
(PTC : address 1016)
b
0
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
5
0
0 : Disabled
1 : Enabled
6
0
Port P2 input level select
bit
0 : Reduced VIHL level input (Note 2)
1 : CMOS level input
7
0
Port P0 to P3 slew rate
control bit (Note 1)
Port P4 slew rate control
bit (Note 1)
Port P5 slew rate control
bit (Note 1)
Port P6 slew rate control
bit (Note 1)
Port P7 slew rate control
bit (Note 1)
Port P8 slew rate control
bit (Note 1)
3
Notes 1: The slew rate function can reduce di/dt by modifying an internal buffer structure.
2: The characteristics of VIHL level is basically the same as that of TTL level. But, its
switching center point is a little higher than TTL’s.
Nothing is arranged for this bit.
Fix this bit to “0”.
Interrupt polarity select register
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt polarity select register
(IPOL : address 1116)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
INT0 interrupt edge select
bit
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
INT1 interrupt edge select
bit
0
00 0 0 00
Nothing is arranged for these bits.
Fix these bits to “0”.
Fig. 3.5.13 Structure of Port control register
Fig. 3.5.14 Structure of Interrupt polarity select register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com