Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 368Page - Renesas Technology Corp 7643 Datasheet HTML 369Page - Renesas Technology Corp 7643 Datasheet HTML 370Page - Renesas Technology Corp 7643 Datasheet HTML 371Page - Renesas Technology Corp 7643 Datasheet HTML 372Page - Renesas Technology Corp 7643 Datasheet HTML 373Page - Renesas Technology Corp 7643 Datasheet HTML 374Page - Renesas Technology Corp 7643 Datasheet HTML 375Page - Renesas Technology Corp 7643 Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.5 Control registers
Rev.2.00
Aug 28, 2006
page 49 of 98
Port P4, P7 direction registers
b7 b6 b5 b4 b3 b2 b1 b0
Port P4 direction register, Port P7 direction register
(P4D, P7D : addresses 1916, 1B16)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0 : Port P41 or P71 input mode
1 : Port P41 or P71 output mode
0 : Port P40 or P70 input mode
1 : Port P40 or P70 output mode
0 : Port P42 or P72 input mode
1 : Port P42 or P72 output mode
Port P4 direction register
Port P7 direction register
3
0 : Port P44 or P74 input mode
1 : Port P44 or P74 output mode
0 : Port P43 or P73 input mode
1 : Port P43 or P73 output mode
✕
✕
✕
✕
✕
5
6
7
Nothing is arranged for these bits.
When these bits are read out, the contents are undefined.
Undefined
✕
✕
✕
✕
Undefined
Undefined
✕
✕
Port Pi direction register
b7 b6 b5 b4 b3 b2 b1 b0
Port Pi direction register (i = 0, 1, 2, 3, 5, 6, 8)
(PiD : addresses 0916, 0B16, 0D16, 0F16, 1716, 1516, 1D16)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0 : Port Pi1 input mode
1 : Port Pi1 output mode
0 : Port Pi0 input mode
1 : Port Pi0 output mode
0 : Port Pi2 input mode
1 : Port Pi2 output mode
5
0
6
7
0
0
Port Pi direction register
3
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0 : Port Pi7 input mode
1 : Port Pi7 output mode
✕
✕
✕
✕
✕
✕
✕
✕
Fig. 3.5.11 Structure of Port Pi direction register
Fig. 3.5.12 Structure of Port P4, Port P7 direction registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com