Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 374 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 370Page - Renesas Technology Corp 7643 Datasheet HTML 371Page - Renesas Technology Corp 7643 Datasheet HTML 372Page - Renesas Technology Corp 7643 Datasheet HTML 373Page - Renesas Technology Corp 7643 Datasheet HTML 374Page - Renesas Technology Corp 7643 Datasheet HTML 375Page - Renesas Technology Corp 7643 Datasheet HTML 376Page - Renesas Technology Corp 7643 Datasheet HTML 377Page - Renesas Technology Corp 7643 Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.5 Control registers
Rev.2.00
Aug 28, 2006
page 51 of 98
Port P2 pull-up control register
b7 b6 b5 b4 b3 b2 b1 b0
Port P2 pull-upt control register
(PUP2 : address 1216)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
5
0
0 : Disabled
1 : Enabled
6
0
Port P26 pull-up control bit
0 : Disabled
1 : Enabled
7
0
Port P27 pull-up control bit
0 : Disabled
1 : Enabled
Port P20 pull-up control bit
Port P21 pull-up control bit
Port P22 pull-up control bit
Port P23 pull-up control bit
Port P24 pull-up control bit
Port P25 pull-up control bit
3
USB control register
b7 b6 b5 b4 b3 b2 b1 b0
USB control register
(USBC : address 1316)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
USB line driver current
control bit (USBC3)
USB line driver supply
enable bit (USBC4) (Note 2)
0 : In default state after power-on/reset
1 : In default state after USB reset signal
received (Note 1)
0 : High current mode
1 : Low current mode
0 : Line driver disabled
1 : Line driver enabled
0 : 48 MHz clock to the USB block disabled
1 : 48 MHz clock to the USB block enabled
USB enable bit (USBC7)
0 : USB block disabled (Note 3)
1 : USB block enabled
USB default state selection
bit (USBC1)
USB clock enable bit
(USBC5)
0
0
0
0
Notes 1: Without regard to this bit, USB internal registers (address 005016 to 005F16) go
into the states at reset (default) at the same time when USB reset is detected.
2: When using the MCU in Vcc = 3.3 V, set this bit to “0” and disable the built-in DC-
DC converter.
3: Setting this bit to 0” causes the contents of all USB registers to have the values at
reset.
Nothing is arranged for this bit.
Fix this bit to “0”.
Nothing is arranged for this bit.
Fix this bit to “0”.
Nothing is arranged for this bit.
Fix this bit to “0”.
Fig. 3.5.15 Structure of Port P2 pull-up control register
Fig. 3.5.16 Structure of USB control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com