Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 374Page - Renesas Technology Corp 7643 Datasheet HTML 375Page - Renesas Technology Corp 7643 Datasheet HTML 376Page - Renesas Technology Corp 7643 Datasheet HTML 377Page - Renesas Technology Corp 7643 Datasheet HTML 378Page - Renesas Technology Corp 7643 Datasheet HTML 379Page - Renesas Technology Corp 7643 Datasheet HTML 380Page - Renesas Technology Corp 7643 Datasheet HTML 381Page - Renesas Technology Corp 7643 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.5 Control registers
Rev.2.00
Aug 28, 2006
page 55 of 98
Serial I/O control register 2
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O control register 2
(SIOCON2 : address 2C16)
b
0
00 0
0
1
2
4
Name
0
Functions
At reset R W
0
0
1
1
Clock polarity select bit
(CPoL)
Clock phase select bit
(CPha)
SRXD input enable bit
0 : Normal serial I/O mode
1 : SPI compatible mode (Note)
0 : SRXD input disabed
1 : SRXD input enabed
0 : SCLK starting at “L”
1 : SCLK starting at “H”
0 : Serial transfer starting at falling edge
of SRDY
1 : Serial transfer starting after a half
cycle of SCLK passed at falling edge
of SRDY
7
0
0
0
SPI mode select bit
Nothing is arranged for these bits.
Fix these bits to “0”.
3
5
6
Note: To set the slave mode, also set bit 4 of serial I/O control register 1 to “1”.
Nothing is arranged for this bit.
Fix this bit to “0”.
Fig. 3.5.22 Structure of Serial I/O control register 2
Serial I/O control register 1
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O control register 1
(SIOCON1 : address 2B16)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0
SRDY output select bit
Transfer direction select bit
Serial I/O port select bit
b2b1b0
0 0 0 :
φ/2
0 0 1 :
φ/4
0 1 0 :
φ/8
0 1 1 :
φ/16
1 0 0 :
φ/32
1 0 1 :
φ/64
1 1 0 :
φ/128
1 1 1 :
φ/256
0 : I/O port
1 : STXD, SCLK signal output
0 : I/O port
1 : SRDY signal output
Synchronous clock select
bit
STXD output channel
control bit
5
1
0
6
7
Internal synchronous clock
select bits
(Note)
3
0 : LSB first
1 : MSB first
0 : External input (SCLK pin input)
1 : Internal synchronous clock
0 : CMOS output
1 : N-channel open drain output
Note: The source of serial I/O internal sysnchronous clock can be selected
by bit 1 of serial I/O control register 2.
Fig. 3.5.21 Structure of Serial I/O control register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com