Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 379 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 379 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 375Page - Renesas Technology Corp 7643 Datasheet HTML 376Page - Renesas Technology Corp 7643 Datasheet HTML 377Page - Renesas Technology Corp 7643 Datasheet HTML 378Page - Renesas Technology Corp 7643 Datasheet HTML 379Page - Renesas Technology Corp 7643 Datasheet HTML 380Page - Renesas Technology Corp 7643 Datasheet HTML 381Page - Renesas Technology Corp 7643 Datasheet HTML 382Page - Renesas Technology Corp 7643 Datasheet HTML 383Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.5 Control registers
Rev.2.00
Aug 28, 2006
page 56 of 98
UART mode register
b7 b6 b5 b4 b3 b2 b1 b0
UART mode register
(UMOD : address 3016)
b
0
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0
UART clock prescaling
select bits (PS)
Parity select bit (PMD)
Parity enable bit (PEN)
Stop bit length select bit
(STB)
b2b1
0 0 :
φ/1
0 1 :
φ/8
1 0 :
φ/32
1 1 :
φ/256
0 : 1 stop bit
1 : 2 stop bits
0 : Even parity
1 : Odd parity
0 : Parity checking disabled
1 : Parity checking enabled
5
0
UART character length
select bit (LE1, 0)
6
7
0
3
b7b6
0 0 : 7 bits
0 1 : 8 bits
1 0 : 9 bits
1 1 : Not available
Nothing is arranged for this bit.
Fix this bit to “0”.
UART baud rate generator
b7 b6 b5 b4 b3 b2 b1 b0
UART baud rate generator
(UBRG: address 3116)
b
0
Undefined
Functions
At reset R W
1
Undefined
2
Undefined
3
Undefined
4
Undefined
5
Undefined
6
Undefined
7
Undefined
qThe UBRG determines the baud rate for transfer.
qThis is a 8-bit counter with its reload register. This generator divides
the frequency of the count source by 1/(n + 1), where “n” is the
value written to the UBRG.
Fig. 3.5.23 Structure of Timer UART mode register
Fig. 3.5.24 Structure of UART baud rate generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com