Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 383 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 383 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 379Page - Renesas Technology Corp 7643 Datasheet HTML 380Page - Renesas Technology Corp 7643 Datasheet HTML 381Page - Renesas Technology Corp 7643 Datasheet HTML 382Page - Renesas Technology Corp 7643 Datasheet HTML 383Page - Renesas Technology Corp 7643 Datasheet HTML 384Page - Renesas Technology Corp 7643 Datasheet HTML 385Page - Renesas Technology Corp 7643 Datasheet HTML 386Page - Renesas Technology Corp 7643 Datasheet HTML 387Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.5 Control registers
Rev.2.00
Aug 28, 2006
page 60 of 98
DMAC index and status register
b7 b6 b5 b4 b3 b2 b1 b0
DMAC index and status register
(DMAIS : address 3F16)
b
0
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
DMAC channel 0 suspend
flag (D0SFI) (Note 1)
DMAC transfer suspend
control bit (DTSC) (Note 2)
DMAC channel 1 count
register underflow flag (D1UF)
0 : No underflow
1 : Underflow generated
0 : Not suspended
1 : Suspended
DMAC channel 1 suspend
flag (D1SFI) (Note 1)
0 : No underflow
1 : Underflow generated
5
0
DMAC register reload
disable bit (DRLDD)
(Note 3)
7
0
Channel index bit (DCI)
0 : Channel 0 accessible
1 : Channel 1 accessible
Accessed registers: Mode register,
source register, destination register,
transfer count register.
0
DMAC channel 0 count
register underflow flag (D0UF)
Nothing is arranged for this bit.
Fix this bit to “0”.
3
0 : Not suspended
1 : Suspended
0 :Suspending only burst transfers during
interrupt process
1 : Suspending both burst and cycle steal
transfers during interrupt process
0 :Enabling reload of source and
destination registers of both channels
1 : Disabling reload of source and
destination registers of both channels
6
✕
✕
Notes 1: Suspended by an interrupt.
2: Transfer suspended during interrupt process
3: This settings affect the source and destination registers of both channels.
✽
✽
✽: “0” can be set by software, but “1” cannot be set.
Fig. 3.5.29 Structure of DMAC index and status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com