Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 371Page - Renesas Technology Corp 7643 Datasheet HTML 372Page - Renesas Technology Corp 7643 Datasheet HTML 373Page - Renesas Technology Corp 7643 Datasheet HTML 374Page - Renesas Technology Corp 7643 Datasheet HTML 375Page - Renesas Technology Corp 7643 Datasheet HTML 376Page - Renesas Technology Corp 7643 Datasheet HTML 377Page - Renesas Technology Corp 7643 Datasheet HTML 378Page - Renesas Technology Corp 7643 Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.5 Control registers
Rev.2.00
Aug 28, 2006
page 52 of 98
Clock control register
b7 b6 b5 b4 b3 b2 b1 b0
Clock control register
(CCR : address 1F16)
b
0
0
0
0
0
Name
0
Functions
At reset R W
0
0
0
0
0
0
0 : XCOUT oscillation drive is enabled.
(When XCIN oscillation is enabled.)
1 : XCOUT oscillation drive is disabled.
5
6
7
XCOUT oscillation drive
disable bit (CCR5)
0 : XOUT oscillation drive is enabled.
(When XIN oscillation is enabled.)
1 : XOUT oscillation drive is disabled.
XOUT oscillation drive
disable bit (CCR6)
XIN divider select bit
(CCR7) (Note)
3
0
1
2
4
Note: This bit is valid when (b7, b6 of CPMA) = “00”.
0 : f(XIN)/2 is used for the system clock.
1 : f(XIN) is used for the system clock.
0
Nothing is arranged for these bits.
Fix these bits to “0”.
Fig. 3.5.17 Structure of Clock control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com