Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 341Page - Renesas Technology Corp SH7721 Datasheet HTML 342Page - Renesas Technology Corp SH7721 Datasheet HTML 343Page - Renesas Technology Corp SH7721 Datasheet HTML 344Page - Renesas Technology Corp SH7721 Datasheet HTML 345Page - Renesas Technology Corp SH7721 Datasheet HTML 346Page - Renesas Technology Corp SH7721 Datasheet HTML 347Page - Renesas Technology Corp SH7721 Datasheet HTML 348Page - Renesas Technology Corp SH7721 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 283 of 1458
REJ09B0033-0300
9.2
Input/Output Pins
The configuration of pins in this module is shown in table 9.1.
Table 9.1
Pin Configuration
Name
I/O
Function
A25 to A0
O
Address bus
D31 to D0
I/O
Data bus
BS
O
Bus cycle start
Asserted when a normal space, burst ROM (clock
synchronous/asynchronous), or PCMCIA is accessed. Asserted by
the same timing as
CAS in SDRAM access.
CS0, CS2 to CS4
O
Chip select
CS5A/CE2A
O
Chip select
Active only for address map 1
Corresponds to PCMCIA card select signals D15 to D8 when the
PCMCIA is used.
CS5B/CE1A
O
Chip select
Corresponds to PCMCIA card select signals D7 to D0 when the
PCMCIA is used.
CS6A/CE2B
O
Chip select
Active only for address map 1
Corresponds to PCMCIA card select signals D15 to D8 when the
PCMCIA is used.
CS6B/CE1B
O
Chip select
Corresponds to PCMCIA card select signals D7 to D0 when the
PCMCIA is used.
RD/
WR
O
Read/write signal
Connects to
WE pins when SDRAM or byte-selection SRAM is
connected.
RD
O
Read strobe (read data output enable signal)
A strobe signal to indicate the memory read cycle when the
PCMCIA is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com