Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 71Page - Renesas Technology Corp SH7721 Datasheet HTML 72Page - Renesas Technology Corp SH7721 Datasheet HTML 73Page - Renesas Technology Corp SH7721 Datasheet HTML 74Page - Renesas Technology Corp SH7721 Datasheet HTML 75Page - Renesas Technology Corp SH7721 Datasheet HTML 76Page - Renesas Technology Corp SH7721 Datasheet HTML 77Page - Renesas Technology Corp SH7721 Datasheet HTML 78Page - Renesas Technology Corp SH7721 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 13 of 1458
REJ09B0033-0300
Table 1.4
List of Pin Assignments
Pin No.
(PLBG
0256
GA-A)
Pin No.
(PLBG
0256
KA-A)
Pin Name
Function
I/O
I/O
Buffer
Power
Supply
A1
A2
VssQ
I/O power supply (0V)
A2
D5
VccQ
I/O power supply (3.3 V)
A3
D6
STATUS1/PTH3
Status output/general-purpose
port
O/IO
VccQ
A4
D7
LCD_DATA13/PINT13/
PTD5
LCD data/port interrupt/
general-purpose port
O/I/IO
VccQ
A5
E6
VssQ
I/O power supply (0V)
A6
D8
VccQ
I/O power supply (3.3 V)
A7
E8
LCD_DATA5/PTC5
LCD data/general-purpose port
O/IO
VccQ
A8
E9
LCD_DATA1/PTC1
LCD data/general-purpose port
O/IO
VccQ
A9
D10
LCD_CL2/PTE2
LCD shift clock 2/general-purpose
port
O/IO
VccQ
A10
A11
VssQ
I/O power supply (0V)
A11
E12
VccQ
I/O power supply (3.3 V)
A12
E13
LCD_CLK
LCD clock source
I
VccQ
A13
D12
VssQ
I/O power supply (0V)
A14
E15
VccQ
I/O power supply (3.3 V)
A15
D13
USB1_pwr_en/
USBF_UPLUP/PTH0
USB1 power-enable/pull-up
control/general-purpose port
O/O/IO
VccQ
A16
A15
AVss
Analog power supply (0V)
A17
A16
AN0/PTF1
ADC analog input/general-purpose
port
I/I
AVcc
A18
B18
AVcc_USB
USB power supply (3.3 V)
A19
D17
AVss_USB
USB power supply (0 V)
A20
B21
VssQ
I/O power supply (0V)
B1
E4
Vcc_PLL2
PLL2 power supply (1.5 V)
B2
B1
MD2
Clock mode setting
I
VccQ
B3
B2
XTAL
Crystal
O
VccQ
B4
A5
RESETM
Manual reset
I
VccQ
B5
A4
MD4
Bus width setting
I
VccQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com