Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 63Page - Renesas Technology Corp SH7721 Datasheet HTML 64Page - Renesas Technology Corp SH7721 Datasheet HTML 65Page - Renesas Technology Corp SH7721 Datasheet HTML 66Page - Renesas Technology Corp SH7721 Datasheet HTML 67Page - Renesas Technology Corp SH7721 Datasheet HTML 68Page - Renesas Technology Corp SH7721 Datasheet HTML 69Page - Renesas Technology Corp SH7721 Datasheet HTML 70Page - Renesas Technology Corp SH7721 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 5 of 1458
REJ09B0033-0300
Item
Features
16-bit timer pulse
unit (TPU)
• Four-channel 16-bit timer
• PWM mode
• Four types of counter input clocks
• Phase counting mode (two channels)
Compare match
timer (CMT)
• Internal six-channel 32-bit counter (16-/32-bit switchable)
• Selectable prescaling for Pφ
• Internal full-channel compare match function
• With interrupt request and DMAC request
Realtime clock
(RTC)
• Built-in clock, calendar functions, and alarm functions
• On-chip 32-kHz crystal oscillator circuit with a maximum resolution (cycle
interrupt) of 1/256 second
Serial
communication
interface with
FIFO
(SCIF0, SCIF1)
• Includes a 64-byte FIFO for transmission and another for reception
• Supports high-speed UART for Bluetooth
• Internal prescaler for Pφ
• With interrupt request and DMAC request
Infrared data
association
module (IrDA)
• Conforms to the IrDA 1.0 system
• Asynchronous serial communication
• On-chip 64-stage FIFO buffers for transmission and reception
I
2C bus interface
(IIC)
• Supports multi master transmission/reception
Serial I/O with
FIFO
(SIOF0, SIOF1)
• Includes a 64-byte FIFO for transmission and another for reception
• Supports 8-/16-/16-bit stereo sound input/output
• Sampling rate clock input selectable from Pφ and external pin
• Includes a prescaler for Pφ
• Interrupt requests and DMAC requests
Analog front end
interface (AFEIF)
• STLC7550 can directly be connected
• Data access arrangement function
• 128-word transmit FIFO
• 128-word receive FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com