Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 89Page - Renesas Technology Corp SH7721 Datasheet HTML 90Page - Renesas Technology Corp SH7721 Datasheet HTML 91Page - Renesas Technology Corp SH7721 Datasheet HTML 92Page - Renesas Technology Corp SH7721 Datasheet HTML 93Page - Renesas Technology Corp SH7721 Datasheet HTML 94Page - Renesas Technology Corp SH7721 Datasheet HTML 95Page - Renesas Technology Corp SH7721 Datasheet HTML 96Page - Renesas Technology Corp SH7721 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 31 of 1458
REJ09B0033-0300
Classification
Symbol
I/O
Name
Function
PCC_CD2
I
PCC card
detection 2
Pin for card detect 2 signal from
PC card
PCC_WAIT
I
PCC wait
request
PCC hardware wait request signal
pin
PCC_DRV
O
PCC buffer
control
PCC buffer control signal pin
PCC_VS1
I
PCC voltage
detection 1
Pin for voltage sense 1 signal from
PC card
PCC_VS2
I
PCC voltage
detection 2
Pin for voltage sense 2 signal from
PC card
PC card
controller (PCC)
PCC_IOIS16
I
PCC16-bit IO
Pin for write protection signal/16-
bit I/O signal from PC card
MMC_ODMOD O
MMC open
drain control
Open drain mode control pin
MMC_VDDON
O
MMC card
power control
MMC power control pin
MMC_CLK
O
MMC clock
Clock output pin
MMC_DAT
I/O
MMC data
Data input/output pin in MMC
mode
Response/data input pin in SPI
mode
This pin is connected to the Data
out pin on the MMC side.
MultiMedia Card
interface
(MMCIF)
MMC_CMD
I/O
MMC command Command output/response input
pin in MMC mode
Command/data output pin in SPI
mode
This pin is connected to the Data
in pin on the MMC side.
SD_CLK
O
SD clock
Clock output pin
SD_CMD
I/O
SD command
Command output/response input
pin
SD_DAT0
I/O
SD data 0
Data input/output pin
SD_DAT1
I/O
SD data 1
Data input/output pin
SD_DAT2
I/O
SD data 2
Data input/output pin
SD host interface
(SDHI)
SD_DAT3
I/O
SD data 3
Data input/output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com