| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 41 Page - Renesas Technology Corp |
|
41 / 1524 page ![]() Rev. 3.00 Jan. 18, 2008 Page xli of lxii Figure 17.4 Using Alarm Function ............................................................................................. 582 Figure 17.5 Using Periodic Interrupt Function ........................................................................... 583 Figure 17.6 Example of Crystal Oscillator Circuit Connection.................................................. 584 Section 18 Serial Communication Interface with FIFO (SCIF) Figure 18.1 Block Diagram of SCIF........................................................................................... 587 Figure 18.2 Sample SCIF Initialization Flowchart ..................................................................... 616 Figure 18.3 Sample Serial Transmission Flowchart ................................................................... 617 Figure 18.4 Example of Transmit Operation (Example with 8-Bit Data, Parity, One Stop Bit) .................................................... 619 Figure 18.5 Example of Transmit Data Stop Function ............................................................... 619 Figure 18.6 Transmit Data Stop Function Flowchart ................................................................. 620 Figure 18.7 Sample Serial Reception Flowchart (1)................................................................... 621 Figure 18.8 Sample Serial Reception Flowchart (2)................................................................... 622 Figure 18.9 Example of SCIF Receive Operation (Example with 8-Bit Data, Parity, One Stop Bit) .................................................... 623 Figure 18.10 Example of CTS Control Operation ......................................................................624 Figure 18.11 Example of RTS Control Operation ......................................................................624 Figure 18.12 Data Format in Synchronous Communication ...................................................... 625 Figure 18.13 Sample SCIF Initialization Flowchart (1) (Transmission) .................................... 626 Figure 18.13 Sample SCIF Initialization Flowchart (2) (Reception).......................................... 627 Figure 18.13 Sample SCIF Initialization Flowchart (3) (Simultaneous Transmission and Reception) ........................................................ 628 Figure 18.14 Sample Serial Transmission Flowchart (1) (First Transmission after Initialization) ................................................................. 629 Figure 18.14 Sample Serial Transmission Flowchart (2) (Second and Subsequent Transmission) ................................................................ 630 Figure 18.15 Sample Serial Reception Flowchart (1) (First Reception after Initialization) ....... 631 Figure 18.15 Sample Serial Reception Flowchart (2) (Second and Subsequent Reception) ...... 632 Figure 18.16 Sample Simultaneous Serial Transmission and Reception Flowchart (1) (First Transfer after Initialization) ......................................................................... 633 Figure 18.16 Sample Simultaneous Serial Transmission and Reception Flowchart (2) (Second and Subsequent Transfer) ........................................................................ 634 Figure 18.17 Receive Data Sampling Timing in Asynchronous Mode ...................................... 638 Section 19 Infrared Data Association Module (IrDA) Figure 19.1 Block Diagram of IrDA........................................................................................... 639 Figure 19.2 Transmit/Receive Operation.................................................................................... 643 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |