| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 95 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 95 Page - Renesas Technology Corp |
|
95 / 1524 page ![]() Section 1 Overview Rev. 3.00 Jan. 18, 2008 Page 33 of 1458 REJ09B0033-0300 Classification Symbol I/O Name Function USB1_pwr_en/ USBF_UPLUP O USB1 power enable/pull-up control USB port 1 power enable control/ pull- up control output pin SUB2_pwer_en O USB2 power enable USB port 2 power enable control pin USB1_P I/O USB D + port 1 D + port 1 transceiver pin for USB USB1_M I/O USB D − port 1 D − port 1 transceiver pin for USB USB2_P I/O USB D + port 2 D + port 2 transceiver pin for USB USB2_M I/O USB D − port 2 D − port 2 transceiver pin for USB USB1d_DMNS I D − signal input Input pin to driver for D− signal from receiver USB1d_ SUSPEND O Suspend state Transceiver suspend state output pin USB1d_RCV I Receive data Input pin for receive data from differential receiver USB1d_TXENL O Driver output enable Driver output enable pin USB1d_SPEED O Speed control Transceiver speed control pin USB1d_TXSE0 O SE0 state SE0 state output pin USB1d_ TXDPLS O D+ transmit output D+ transmit output pin to driver USB USB1d_DPLS I D+ transmit input D+ transmit input pin to driver PTA7 to PTA0 I/O General purpose port 8-bit general-purpose port pins PTB7 to PTB0 I/O General purpose port 8-bit general-purpose port pins PTC7 to PTC0 I/O General purpose port 8-bit general-purpose port pins PTD7 to PTD0 I/O General purpose port 8-bit general-purpose port pins PTE6, PTE5 I General purpose port PTE4 to PTE0 I/O General purpose port 7-bit general-purpose port pins I/O port PTF6 to PTF0 I General purpose port 7-bit general-purpose port pins |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |