Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 77Page - Renesas Technology Corp SH7721 Datasheet HTML 78Page - Renesas Technology Corp SH7721 Datasheet HTML 79Page - Renesas Technology Corp SH7721 Datasheet HTML 80Page - Renesas Technology Corp SH7721 Datasheet HTML 81Page - Renesas Technology Corp SH7721 Datasheet HTML 82Page - Renesas Technology Corp SH7721 Datasheet HTML 83Page - Renesas Technology Corp SH7721 Datasheet HTML 84Page - Renesas Technology Corp SH7721 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 19 of 1458
REJ09B0033-0300
Pin No.
(PLBG
0256
GA-A)
Pin No.
(PLBG
0256
KA-A)
Pin Name
Function
I/O
I/O
Buffer
Power
Supply
K3
J5
D18/PTA2
Data bus/general-purpose port
IO/IO
VccQ1
K4
L4
D16/PTA0
Data bus/general-purpose port
IO/IO
VccQ1
K17
L20
SCIF0_TxD/IrTx/PTT2
SCIF transmit data/ IrDA transmit
data/general-purpose port
O/O/IO
VccQ
K18
K18
SCIF0_CTS/TPU_TO1/
PTT4
SCIF transmit enable/TPU
compare-match output/
general-purpose port
I/O/IO
VccQ
K19
K21
MMC_CLK/SIOF1_SCK/
SD_CLK/TPU_TI2A/
PTU0
MMC clock/SIOF serial clock/
SD clock/TPU clock input/general-
purpose port
O/IO/O/
I/IO
VccQ
K20
M17
VssQ
I/O power supply (0V)
L1
K5
CKIO
System clock
IO
VccQ1
L2
M1
WE2/DQMUL/ICIORD
Second-highest-byte write/
DQ mask UL/IO read
O/O/O
VccQ1
L3
M4
WE3/DQMUU/ICIOWR
Highest-byte write/
DQ mask UU/IO write
O/O/O
VccQ1
L4
L5
RD/
WR
Read/write signal
O
VccQ1
L17
L21
SCIF0_RxD/IrRx/PTT1
SCIF receive data/IrDA receive
data/general-purpose port
I/I/IO
VccQ
L18
M20
IRQ3/
IRL3/PTP3
Interrupt/interrupt/general-purpose
port
I/I/IO
VccQ
L19
N17
SCIF0_SCK/PTT0
SCIF serial clock/general-purpose
port
IO/IO
VccQ
L20
L18
VccQ
I/O power supply (3.3 V)
M1
L2
CAS/PTH5
Column address/general-purpose
port
O/IO
VccQ1
M2
N1
WE0/DQMLL
Lowest-byte write/DQ mask LL
O/O
VccQ1
M3
N5
WE1/DQMLU/WE
Second-lowest-byte write/
DQ mask LU/write enable
O/O/O
VccQ1
M4
M5
CKE/PTH4
Clock enable/general-purpose port O/IO
VccQ1
M17
M21
IRQ1/
IRL1/PTP1
Interrupt/interrupt/
general-purpose port
I/I/IO
VccQ
M18
N20
NMI
NMI interrupt
I
VccQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com