| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 88 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 88 Page - Renesas Technology Corp |
|
88 / 1524 page ![]() Section 1 Overview Rev. 3.00 Jan. 18, 2008 Page 26 of 1458 REJ09B0033-0300 Classification Symbol I/O Name Function XTAL O Crystal For connection to a crystal resonator. Clock CKIO I/O System clock Used as a pin to input external clock or output clock. Operating mode control MD5 to MD0 I Mode set Sets the operating mode. Do not change values on these pins during operation. MD2 to MD0 set the clock mode, MD3 and MD4 set the bus width of area 0 and MD5 sets the endian. RESETP I Power-on reset When low, the system enters the power-on reset state. RESETM I Manual reset When low, the system enters the manual reset state. STATUS1, STATUS0 O Status output Indicates the operating state. BREQ I Bus request Low when an external device requests the release of the bus mastership. BACK O Bus request acknowledge Indicates that the bus mastership has been released to an external device. Reception of the BACK signal informs the device which has output the BREQ signal that it has acquired the bus. System control CA I Chip active High in normal operation, and low in hardware standby mode. NMI I Non-maskable interrupt Non-maskable interrupt request pin. Fix to high level when not in use. IRQ5 to IRQ0 I Interrupt requests 5 to 0 Maskable interrupt request pins. Selectable as level input or edge input. The rising edge or falling edge is selectable as the detection edge. The low level or high level is selectable as the detection level. Interrupts IRL3 to IRL0 I Interrupt requests 3 to 0 Maskable interrupt request pin. Input a coded interrupt level. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |