Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 35Page - Renesas Technology Corp SH7721 Datasheet HTML 36Page - Renesas Technology Corp SH7721 Datasheet HTML 37Page - Renesas Technology Corp SH7721 Datasheet HTML 38Page - Renesas Technology Corp SH7721 Datasheet HTML 39Page - Renesas Technology Corp SH7721 Datasheet HTML 40Page - Renesas Technology Corp SH7721 Datasheet HTML 41Page - Renesas Technology Corp SH7721 Datasheet HTML 42Page - Renesas Technology Corp SH7721 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page xxxix of lxii
Figure 10.19 Timing of DREQ Input Detection by Edge Detection in Cycle Stealing Mode
(DACK is Divided into Four due to Idle Cycle Insertion between Access Cycles
and So DREQ Sampling is Accepted One Extra Time) ........................................ 450
Figure 10.20 Timing of DREQ Input Detection by Edge Detection in Cycle Stealing Mode
(DACK is Not Divided By Idle Cycle Insertion between Access Cycles
and So DREQ Sampling is Accepted Normally)................................................... 450
Figure 10.21 Timing of DREQ Input Detection by Level Detection in Cycle Stealing Mode
(DACK is Divided into Four due to Idle Cycle Insertion between Access Cycles
and So DREQ Sampling is Accepted One Extra Time) ........................................ 451
Figure 10.22 Timing of DREQ Input Detection by Edge Detection in Cycle Stealing Mode
(DACK is Not Divided By Idle Cycle Insertion between Access Cycles
and So DREQ Sampling is Accepted Normally)................................................... 452
Section 11 Clock Pulse Generator (CPG)
Figure 11.1 Block Diagram of CPG ........................................................................................... 454
Figure 11.2 Points for Attention when Using Crystal Resonator................................................ 467
Figure 11.3 Points for Attention when Using PLL Oscillator Circuit ........................................ 468
Section 12 Watchdog Timer (WDT)
Figure 12.1 Block Diagram of WDT .......................................................................................... 470
Figure 12.2 Writing to WTCNT and WTCSR............................................................................ 474
Section 13 Power-Down Modes
Figure 13.1 Canceling Standby Mode with STBY Bit in STBCR.............................................. 490
Figure 13.2 STATUS Output at Power-on Reset........................................................................ 492
Figure 13.3 STATUS Output at Manual Reset ........................................................................... 492
Figure 13.4 STATUS Output when Software Standby Mode is Canceled by an Interrupt......... 493
Figure 13.5 STATUS Output When Software Standby Mode is Canceled
by a Power-on Reset................................................................................................ 493
Figure 13.6 STATUS Output When Software Standby Mode is Canceled
by a Manual Reset ................................................................................................... 494
Figure 13.7 STATUS Output when Sleep Mode is Canceled by an Interrupt ............................ 494
Figure 13.8 STATUS Output When Sleep Mode is Canceled by a Power-on Reset.................. 495
Figure 13.9 STATUS Output When Sleep Mode is Canceled by a Manual Reset ..................... 495
Figure 13.10 Hardware Standby Mode Timing (CA is pulled low in normal operation) ........... 497
Figure 13.11 Hardware Standby Mode Timing
(CA is pulled low while WDT operates after the standby mode is canceled) ....... 498
Figure 13.12 Timing When Power of Pins other than VCC_RTC and VCCQ_RTC is Off........... 498



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com