Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 59Page - Renesas Technology Corp SH7721 Datasheet HTML 60Page - Renesas Technology Corp SH7721 Datasheet HTML 61Page - Renesas Technology Corp SH7721 Datasheet HTML 62Page - Renesas Technology Corp SH7721 Datasheet HTML 63Page - Renesas Technology Corp SH7721 Datasheet HTML 64Page - Renesas Technology Corp SH7721 Datasheet HTML 65Page - Renesas Technology Corp SH7721 Datasheet HTML 66Page - Renesas Technology Corp SH7721 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 1 of 1458
REJ09B0033-0300
Section 1
Overview
1.1
Features
This LSI is a single-chip RISC microprocessor that integrates a 32-bit RISC-type Super H
architecture CPU with a digital signal processing (DSP) extension as its core, together with a
large-capacity 32-kbyte cache memory, a 16-kbyte X/Y memory, and an interrupt controller.
High-speed data transfers can be performed by an on-chip direct memory access controller
(DMAC), and an external memory access support function enables direct connection to different
kinds of memory. This LSI also supports a stereo audio recording and playback function, a USB
host controller, a function controller, an LCD controller, a PCMCIA interface, an A/D converter,
and a D/A converter.
The USB host controller and LCD controller have bus master functions, so that data supplied from
an external memory (area 3) can be freely processed. Since the USB host controller, in particular,
conforms to Open HCI standards, it is extremely easy to transfer data from the PC of a device
driver or other devices. Also, low-power operation suitable for battery operation is possible
because the LCD controller continues to display even in sleep mode.
A powerful built-in power management function keeps power consumption low, even during high-
speed operation. This LSI is ideal for electronics devices, which require both high speed and low
power consumption.
The SH7720 group integrates an SSL (Secure Socket Layer) accelerator that performs RSA
(Rivest-Shamir-Adleman) operations and DES (Data Encryption Standard) and Triple-DES
encryption/decryption, while the SH7721 group does not have the SSL accelerator. Each group
consists of several models which includes or does not include an SD host interface (SDHI) to be
suited to a variety of applications. See table 1.2 and 1.3, Product Lineup, for the models including
(or not including) the SDHI.
Note:
For the detailed specifications of the SDHI and SSL, contact the Renesas representatives
in your region.
Table 1.1 shows the features of this LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com