Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 95Page - Renesas Technology Corp SH7721 Datasheet HTML 96Page - Renesas Technology Corp SH7721 Datasheet HTML 97Page - Renesas Technology Corp SH7721 Datasheet HTML 98Page - Renesas Technology Corp SH7721 Datasheet HTML 99Page - Renesas Technology Corp SH7721 Datasheet HTML 100Page - Renesas Technology Corp SH7721 Datasheet HTML 101Page - Renesas Technology Corp SH7721 Datasheet HTML 102Page - Renesas Technology Corp SH7721 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 1524 page
background image
Section 2
CPU
CPUS3D0S_000020020300
Rev. 3.00 Jan. 18, 2008 Page 37 of 1458
REJ09B0033-0300
Section 2
CPU
2.1
Processing States and Processing Modes
2.1.1
Processing States
This LSI supports four types of processing states: a reset state, an exception handling state, a
program execution state, and a low-power consumption state, according to the CPU processing
states.
(1)
Reset State
In the reset state, the CPU is reset. The LSI supports two types of resets: power-on reset and
manual reset. For details on resets, refer to section 7, Exception Handling.
In power-on reset, the registers and internal statuses of all LSI on-chip modules are initialized. In
manual reset, the register contents of a part of the LSI on-chip modules are retained. For details,
refer to section 37, List of Registers. The CPU internal statuses and registers are initialized both in
power-on reset and manual reset. After initialization, the program branches to address
H'A0000000 to pass control to the reset processing program to be executed.
(2)
Exception Handling State
In the exception handling state, the CPU processing flow is changed temporarily by a general
exception or interrupt exception processing. The program counter (PC) and status register (SR) are
saved in the save program counter (SPC) and save status register (SSR), respectively. The program
branches to an address obtained by adding a vector offset to the vector base register (VBR) and
passes control to the exception processing program defined by the user to be executed. For details
on reset, refer to section 7, Exception Handling.
(3)
Program Execution State
The CPU executes programs sequentially.
(4)
Low-Power Consumption State
The CPU stops operation to reduce power consumption. The power-down mode can be entered by
executing the SLEEP instruction. For details on the power-down mode, refer to section 13, Power-
Down Modes.
Figure 2.1 shows a status transition diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com