Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 98Page - Renesas Technology Corp SH7721 Datasheet HTML 99Page - Renesas Technology Corp SH7721 Datasheet HTML 100Page - Renesas Technology Corp SH7721 Datasheet HTML 101Page - Renesas Technology Corp SH7721 Datasheet HTML 102Page - Renesas Technology Corp SH7721 Datasheet HTML 103Page - Renesas Technology Corp SH7721 Datasheet HTML 104Page - Renesas Technology Corp SH7721 Datasheet HTML 105Page - Renesas Technology Corp SH7721 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 40 of 1458
REJ09B0033-0300
(5)
P4 Area
The P4 area is defined as a control area which is non-cacheable and non-address translatable. This
area can be accessed only in privileged mode. A part of the LSI’s on-chip I/O is assigned to this
area.
Table 2.1
Virtual Address Space
Address Range Name
Mode
Description
H'00000000 to
H'7FFFFFFF
P0/U0
Privileged/user mode
2-Gbyte physical space, cacheable, address
translatable
In user mode, only this address space can be
accessed.
H'80000000 to
H'9FFFFFFF
P1
Privileged mode
0.5-Gbyte physical space, cacheable
H'A0000000 to
H'BFFFFFFF
P2
Privileged mode
0.5-Gbyte physical space, non-cacheable
H'C0000000 to
H'DFFFFFFF
P3
Privileged mode
0.5-Gbyte physical space, cacheable,
address translatable
H'E0000000 to
H'FFFFFFFF
P4
Privileged mode
0.5-Gbyte control space, non-cacheable
2.2.2
External Memory Space
This LSI uses 29 bits of the 32-bit virtual address to access external memory. In this case, 0.5-
Gbyte of external memory space can be accessed. The external memory space is managed in area
units. Different types of memory can be connected to each area, as shown in figure 2.2. For
details, please refer to section 9, Bus State Controller (BSC).
In addition, area 1 in the external memory space is used as an on-chip I/O space where most of this
LSI’s on-chip I/Os are mapped.
Normally, the upper three bits of the 32-bit virtual address are masked and the lower 29 bits are
used for external memory addresses.*
2 For example, address H'00000100 in the P0 area, address
H'80000100 in the P1 area, address H'A0000100 in the P2 area, and address H'C0000100 in the P3
area of the virtual address space are mapped into address H'00000100 of area 0 in the external
memory space. The P4 area in the virtual address space is not mapped into the external memory
address. If an address in the P4 area is accessed, an external memory cannot be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com