Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 85Page - Renesas Technology Corp SH7721 Datasheet HTML 86Page - Renesas Technology Corp SH7721 Datasheet HTML 87Page - Renesas Technology Corp SH7721 Datasheet HTML 88Page - Renesas Technology Corp SH7721 Datasheet HTML 89Page - Renesas Technology Corp SH7721 Datasheet HTML 90Page - Renesas Technology Corp SH7721 Datasheet HTML 91Page - Renesas Technology Corp SH7721 Datasheet HTML 92Page - Renesas Technology Corp SH7721 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 27 of 1458
REJ09B0033-0300
Classification
Symbol
I/O
Name
Function
PINT15 to
PINT0
I
Port interrupt
requests 15 to 0
Port interrupt request pins
REFOUT
O
Bus request
Bus request signal for refreshing
Interrupts
IRQOUT
O
Bus request
Bus request signal for interrupt
Address bus
A25 to A0
O
Address bus
Outputs addresses.
Data bus
D31 to D0
I/O
Data bus
32-bit bidirectional data bus
CS4 to CS2,
CS0
CS6A, CS6B,
CS5A, CS5B,
CE2A, CE2B,
CE1A, CE1B
O
Chip select
Chip-select signal for external
memory or devices.
RD
O
Read strobe
Indicates reading of data from
external devices.
RD/
WR
O
Read/write
signal
Read/write signal
BS
O
Bus start
Bus-cycle start signal pin
BACK
O
Bus request
acknowledge
Indicates that the bus mastership
has been released to an external
device.
BREQ
I
Bus request
Low when an external device
requests the release of the bus
mastership.
WE
O
Write enable
Write enable pin for PCMCIA
WE3 (BE3)
O
Highest-byte
write
Indicates that bits 31 to 24 of the
data in the external memory or
device are being written.
WE2 (BE2)
O
Second-highest-
byte write
Indicates that bits 23 to 16 of the
data in the external memory or
device are being written.
WE1 (BE1)
O
Second-lowest-
byte write
Indicates that bits 15 to 8 of the
data in the external memory or
device are being written.
WE0 (BE0)
O
Lowest-byte
write
Indicates that bits 7 to 0 of the data
in the external memory or device
are being written.
Bus control
CKE
O
Clock enable
Clock enable (SDRAM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com