Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 62Page - Renesas Technology Corp SH7721 Datasheet HTML 63Page - Renesas Technology Corp SH7721 Datasheet HTML 64Page - Renesas Technology Corp SH7721 Datasheet HTML 65Page - Renesas Technology Corp SH7721 Datasheet HTML 66Page - Renesas Technology Corp SH7721 Datasheet HTML 67Page - Renesas Technology Corp SH7721 Datasheet HTML 68Page - Renesas Technology Corp SH7721 Datasheet HTML 69Page - Renesas Technology Corp SH7721 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 4 of 1458
REJ09B0033-0300
Item
Features
Direct memory
access controller
(DMAC)
• Number of channels: Six channels (two channels support external requests)
• Address space: 4 Gbytes on architecture
• Data transfer length: Bytes, words (2 bytes), longwords (4 bytes), 16 bytes
(longword
× 4)
• Maximum number of transfer times: 16,777,216 times
• Address mode: Single address mode or dual address mode selectable
• Transfer request: Selectable from external request, on-chip peripheral
module request, and auto request
• Bus mode: Selectable from cycle steal mode (normal mode and intermittent
mode) and burst mode
• Priority: Selectable from channel priority fixed mode and round robin mode
• Interrupt request: Supports interrupt request to CPU at the end of data
transfer
• External request detection: Selectable from DREQ input low/high level
detection and rising/falling detection
• Transfer request acceptance signal: DACK and TEND can be set an active
level
Clock pulse
generator (CPG)
• Clock mode: Input clock selectable from external clock (EXTAL or CKIO)
and crystal resonator
• Generates three types of clocks
 CPU clock: Maximum 133.34 MHz
 Bus clock: Maximum 66.67 MHz
 Peripheral clock: Maximum 33.34 MHz
• Supports power-down mode
 Sleep mode
 Standby mode
 Module standby mode (X/Y memory standby enabled)
• One-channel watchdog timer
Watchdog timer
(WDT)
• One-channel watchdog timer (WDT)
• Interrupt request: WDT only
Timer unit (TMU)
• Internal three-channel 32-bit timer
• Auto-reload type 32-bit down counter
• Internal prescaler for Pφ
• Interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com