Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 22Page - Renesas Technology Corp SH7721 Datasheet HTML 23Page - Renesas Technology Corp SH7721 Datasheet HTML 24Page - Renesas Technology Corp SH7721 Datasheet HTML 25Page - Renesas Technology Corp SH7721 Datasheet HTML 26Page - Renesas Technology Corp SH7721 Datasheet HTML 27Page - Renesas Technology Corp SH7721 Datasheet HTML 28Page - Renesas Technology Corp SH7721 Datasheet HTML 29Page - Renesas Technology Corp SH7721 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page xxvi of lxii
25.9
Usage Notes ....................................................................................................................... 859
25.9.1 Setup Data Reception ........................................................................................... 859
25.9.2 FIFO Clear ............................................................................................................ 859
25.9.3 Overreading/Overwriting of Data Register........................................................... 859
25.9.4 Assigning EP0 Interrupt Sources .......................................................................... 860
25.9.5 FIFO Clear when DMA Transfer is Set ................................................................ 860
25.9.6 Note on Using TR Interrupt .................................................................................. 860
25.9.7 Note on Clock Frequency ..................................................................................... 861
Section 26 LCD Controller (LCDC) ................................................................... 863
26.1
Features.............................................................................................................................. 863
26.2
Input/Output Pins ...............................................................................................................865
26.3
Register Configuration....................................................................................................... 866
26.3.1 LCDC Input Clock Register (LDICKR) ............................................................... 867
26.3.2 LCDC Module Type Register (LDMTR) ............................................................. 868
26.3.3 LCDC Data Format Register (LDDFR)................................................................ 871
26.3.4 LCDC Scan Mode Register (LDSMR) ................................................................. 873
26.3.5 LCDC Start Address Register for Upper Display Data Fetch (LDSARU) ........... 875
26.3.6 LCDC Start Address Register for Lower Display Data Fetch (LDSARL) ........... 876
26.3.7 LCDC Line Address Offset Register for Display Data Fetch (LDLAOR) ........... 877
26.3.8 LCDC Palette Control Register (LDPALCR)....................................................... 878
26.3.9 Palette Data Registers 00 to FF (LDPR00 to LDPRFF) ....................................... 879
26.3.10 LCDC Horizontal Character Number Register (LDHCNR) ................................. 880
26.3.11 LCDC Horizontal Sync Signal Register (LDHSYNR) ......................................... 881
26.3.12 LCDC Vertical Display Line Number Register (LDVDLNR) ............................. 882
26.3.13 LCDC Vertical Total Line Number Register (LDVTLNR).................................. 883
26.3.14 LCDC Vertical Sync Signal Register (LDVSYNR) ............................................. 884
26.3.15 LCDC AC Modulation Signal Toggle Line Number Register (LDACLNR) ....... 885
26.3.16 LCDC Interrupt Control Register (LDINTR) ....................................................... 886
26.3.17 LCDC Power Management Mode Register (LDPMMR) ..................................... 889
26.3.18 LCDC Power-Supply Sequence Period Register (LDPSPR)................................ 891
26.3.19 LCDC Control Register (LDCNTR)..................................................................... 892
26.3.20 LCDC User Specified Interrupt Control Register (LDUINTR)............................ 893
26.3.21 LCDC User Specified Interrupt Line Number Register (LDUINTLNR) ............. 895
26.3.22 LCDC Memory Access Interval Number Register (LDLIRNR) .......................... 896
26.4
Operation ........................................................................................................................... 897
26.4.1 LCD Module Sizes which can be Displayed in this LCDC .................................. 897
26.4.2 Limits on the Resolution of Rotated Displays, Burst Length,
and Connected Memory (SDRAM) ...................................................................... 898
26.4.3 Color Palette Specification ................................................................................... 905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com