| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 42 Page - Renesas Technology Corp |
|
42 / 1524 page ![]() Rev. 3.00 Jan. 18, 2008 Page xlii of lxii Section 20 I 2C Bus Interface (IIC) Figure 20.1 Block Diagram of I2C Bus Interface ....................................................................... 646 Figure 20.2 External Circuit Connections of I/O Pins................................................................ 647 Figure 20.3 I2C Bus Formats ...................................................................................................... 660 Figure 20.4 I2C Bus Timing........................................................................................................ 661 Figure 20.5 Master Transmit Mode Operation Timing (1)......................................................... 662 Figure 20.6 Master Transmit Mode Operation Timing (2)......................................................... 663 Figure 20.7 Master Receive Mode Operation Timing (1) .......................................................... 664 Figure 20.8 Master Receive Mode Operation Timing (2) .......................................................... 665 Figure 20.9 Slave Transmit Mode Operation Timing (1) ........................................................... 666 Figure 20.10 Slave Transmit Mode Operation Timing (2) ......................................................... 667 Figure 20.11 Slave Receive Mode Operation Timing (1)........................................................... 668 Figure 20.12 Slave Receive Mode Operation Timing (2)........................................................... 669 Figure 20.13 Block Diagram of Noise Conceller ....................................................................... 670 Figure 20.14 Sample Flowchart for Master Transmit Mode ...................................................... 671 Figure 20.15 Sample Flowchart for Master Receive Mode ........................................................ 672 Figure 20.16 Sample Flowchart for Slave Transmit Mode......................................................... 673 Figure 20.17 Sample Flowchart for Slave Receive Mode .......................................................... 674 Figure 20.18 The Timing of the Bit Synchronous Circuit .......................................................... 676 Section 21 Serial I/O with FIFO (SIOF) Figure 21.1 Block Diagram of SIOF .......................................................................................... 680 Figure 21.2 Serial Clock Supply................................................................................................. 709 Figure 21.3 Serial Data Synchronization Timing ....................................................................... 711 Figure 21.4 SIOF Transmit/Receive Timing .............................................................................. 712 Figure 21.5 Transmit/Receive Data Bit Alignment .................................................................... 715 Figure 21.6 Control Data Bit Alignment .................................................................................... 716 Figure 21.7 Control Data Interface (Slot Position)..................................................................... 717 Figure 21.8 Control Data Interface (Secondary FS) ................................................................... 718 Figure 21.9 Example of Transmit Operation in Master Mode.................................................... 721 Figure 21.10 Example of Receive Operation in Master Mode ................................................... 722 Figure 21.11 Example of Transmit Operation in Slave Mode.................................................... 723 Figure 21.12 Example of Receive Operation in Slave Mode ..................................................... 724 Figure 21.13 Transmit and Receive Timing (8-Bit Monaural Data (1))..................................... 729 Figure 21.14 Transmit and Receive Timing (8-Bit Monaural Data (2))..................................... 730 Figure 21.15 Transmit and Receive Timing (16-Bit Monaural Data (1))................................... 730 Figure 21.16 Transmit and Receive Timing (16-Bit Stereo Data (1)) ........................................ 731 Figure 21.17 Transmit and Receive Timing (16-Bit Stereo Data (2)) ........................................ 731 Figure 21.18 Transmit and Receive Timing (16-Bit Stereo Data (3)) ........................................ 732 Figure 21.19 Transmit and Receive Timing (16-Bit Stereo Data (4)) ........................................ 732 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |