Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 90Page - Renesas Technology Corp SH7721 Datasheet HTML 91Page - Renesas Technology Corp SH7721 Datasheet HTML 92Page - Renesas Technology Corp SH7721 Datasheet HTML 93Page - Renesas Technology Corp SH7721 Datasheet HTML 94Page - Renesas Technology Corp SH7721 Datasheet HTML 95Page - Renesas Technology Corp SH7721 Datasheet HTML 96Page - Renesas Technology Corp SH7721 Datasheet HTML 97Page - Renesas Technology Corp SH7721 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 32 of 1458
REJ09B0033-0300
Classification
Symbol
I/O
Name
Function
SD_CD
I
SD card
detection
Card detection pin
SD host interface
(SDHI)
SD_WP
I
SD write protect Write protect pin
SIM_RST
O
SIM reset
Smart card reset output pin
SIM_CLK
O
SIM clock
Smart card clock output pin
SIM card module
(SIM)
SIM_D
I/O
SIM data
Transmit/receive data input/output
pin
AN3 to AN0
I
ADC analog
input
Analog input pin
AVcc
Analog power
supply
Power supply pin for the A/D or
D/A converter. When the A/D or
D/A converter is not in use,
connect this pin to input/output
power supply (VccQ).
AVss
Analog ground
Ground pin for the A/D or D/A
converter. Connect this pin to
input/output power supply (VssQ).
A/D converter
(ADC)
ADTRG
I
ADC external
trigger
External trigger signal for starting
A/D conversion
DA0
O
DAC analog
output
Channel 0 analog output pin
D/A converter
(DAC)
DA1
O
DAC analog
output
Channel 1 analog output pin
AVcc_USB
USB power
supply
Power supply pin for USB
AVss_USB
USB ground
Ground pin for USB
EXTAL_USB
I
USB external
clock
Connects crystal resonator for
USB. Also used to input external
clock for USB (48 MHz)
XTAL_USB
O
USB crystal
Connects a crystal resonator for
USB
USB1_ovr_
current/
USBF_VBUS
I
USB1 over-
current/
monitor
USB port 1 over-current detection/
USB cable connection monitor pin
USB
USB2_ovr_
current
I
USB2 over-
current
USB port 2 over-current detection
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com